Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC2GU04 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74HC2GU04
Descripción Electrónicos  Dual unbuffered inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2GU04 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC2GU04_15 Datasheet HTML 1Page - NXP Semiconductors 74HC2GU04_15 Datasheet HTML 2Page - NXP Semiconductors 74HC2GU04_15 Datasheet HTML 3Page - NXP Semiconductors 74HC2GU04_15 Datasheet HTML 4Page - NXP Semiconductors 74HC2GU04_15 Datasheet HTML 5Page - NXP Semiconductors 74HC2GU04_15 Datasheet HTML 6Page - NXP Semiconductors 74HC2GU04_15 Datasheet HTML 7Page - NXP Semiconductors 74HC2GU04_15 Datasheet HTML 8Page - NXP Semiconductors 74HC2GU04_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74HC2GU04
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 20 August 2014
3 of 16
NXP Semiconductors
74HC2GU04
Dual unbuffered inverter
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SC-88 and SC-74 packages: above 87.5
C the value of P
tot derates linearly with 4.0 mW/K.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
[1] -
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
[1] -
20
mA
IO
output current
VO = 0.5 V to VCC +0.5 V
[1] -
25
mA
ICC
supply current
[1] -+50
mA
IGND
ground current
[1] -
50
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
[2] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
40
+25
+125
C
tr
rise time
except for Schmitt trigger inputs
VCC = 2.0 V
--1000
ns
VCC = 4.5 V
-
-
500
ns
VCC = 6.0 V
-
-
400
ns
tf
fall time
except for Schmitt trigger inputs
VCC = 2.0 V
--1000
ns
VCC = 4.5 V
-
-
500
ns
VCC = 6.0 V
-
-
400
ns


Número de pieza similar - 74HC2GU04_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04GV NXP-74HC2GU04GV Datasheet
93Kb / 15P
   Dual unbuffered inverter
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2GU04GV NEXPERIA-74HC2GU04GV Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04GV-Q100 NEXPERIA-74HC2GU04GV-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
74HC2GU04GV-Q100 NEXPERIA-74HC2GU04GV-Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
More results

Descripción similar - 74HC2GU04_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
   Dual unbuffered inverter
Rev. 01-6 October 2006
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04_16 Datasheet
76Kb / 8P
   Dual Unbuffered Inverter
July, 2016 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04_12 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com