Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC158 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74HC158
Descripción Electrónicos  Quad 2-input multiplexer; inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC158 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC158_15 Datasheet HTML 6Page - NXP Semiconductors 74HC158_15 Datasheet HTML 7Page - NXP Semiconductors 74HC158_15 Datasheet HTML 8Page - NXP Semiconductors 74HC158_15 Datasheet HTML 9Page - NXP Semiconductors 74HC158_15 Datasheet HTML 10Page - NXP Semiconductors 74HC158_15 Datasheet HTML 11Page - NXP Semiconductors 74HC158_15 Datasheet HTML 12Page - NXP Semiconductors 74HC158_15 Datasheet HTML 13Page - NXP Semiconductors 74HC158_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
9397 750 13805
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
10 of 16
Philips Semiconductors
74HC158
Quad 2-input multiplexer; inverting
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
12. Waveforms
Tamb = −40 °C to +125 °C
tPHL, tPLH
propagation delay nI0, nI1 to nY
see Figure 6
VCC = 2.0 V
-
-
190
ns
VCC = 4.5 V
-
-
38
ns
VCC = 6.0 V
-
-
32
ns
propagation delay E to nY
see Figure 7
VCC = 2.0 V
-
-
220
ns
VCC = 4.5 V
-
-
44
ns
VCC = 6.0 V
-
-
38
ns
propagation delay S to nY
see Figure 6
VCC = 2.0 V
-
-
220
ns
VCC = 4.5 V
-
-
44
ns
VCC = 6.0 V
-
-
38
ns
tTHL, tTLH
output transition time
see Figure 6 and 7
VCC = 2.0 V
-
-
110
ns
VCC = 4.5 V
-
-
22
ns
VCC = 6.0 V
-
-
19
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; see Figure 8.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VM = 0.5 × VI.
Fig 6.
Waveforms showing the data input (nI0, nI1) to output (nY) propagation delays
and the output transition times
001aab865
nI0, nI1, S
input
nY output
VM
tPHL
tTHL
tTLH
tPLH
VM


Número de pieza similar - 74HC158_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC158D PHILIPS-74HC158D Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
logo
Nexperia B.V. All right...
74HC158D NEXPERIA-74HC158D Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
NXP Semiconductors
74HC158N PHILIPS-74HC158N Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
More results

Descripción similar - 74HC158_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
logo
Nexperia B.V. All right...
74HC158 NEXPERIA-74HC158 Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
ON Semiconductor
MC10158 ONSEMI-MC10158_02 Datasheet
88Kb / 4P
   Quad 2-Input Multiplexer (Non-Inverting)
January, 2002 ??Rev. 7
MC10158 ONSEMI-MC10158 Datasheet
107Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
1996 REV 5
logo
Intersil Corporation
CD54AC157 INTERSIL-CD54AC157 Datasheet
8Kb / 1P
   Quad 2-Input Multiplexer Non-Inverting
June 1997
logo
ON Semiconductor
MC10H158 ONSEMI-MC10H158 Datasheet
103Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
REV 5
logo
NXP Semiconductors
74HC258 NXP-74HC258 Datasheet
100Kb / 14P
   Quad 2-input multiplexer; 3-state; inverting
Rev. 04-14 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com