Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LV138 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74LV138
Descripción Electrónicos  3-to-8 line decoder/demultiplexer; inverting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV138 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV138_15 Datasheet HTML 2Page - NXP Semiconductors 74LV138_15 Datasheet HTML 3Page - NXP Semiconductors 74LV138_15 Datasheet HTML 4Page - NXP Semiconductors 74LV138_15 Datasheet HTML 5Page - NXP Semiconductors 74LV138_15 Datasheet HTML 6Page - NXP Semiconductors 74LV138_15 Datasheet HTML 7Page - NXP Semiconductors 74LV138_15 Datasheet HTML 8Page - NXP Semiconductors 74LV138_15 Datasheet HTML 9Page - NXP Semiconductors 74LV138_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LV138_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 15 November 2007
6 of 17
NXP Semiconductors
74LV138
3-to-8 line decoder/demultiplexer; inverting
[1]
Typical values are measured at Tamb = 25 °C.
VOH
HIGH-level output voltage
VI = VIH or VIL
lO = −100 µA; VCC = 1.2 V
-
1.2
-
-
-
V
lO = −100 µA; VCC = 2.0 V
1.8
2.0
-
1.8
-
V
lO = −100 µA; VCC = 2.7 V
2.5
2.7
-
2.5
-
V
lO = −100 µA; VCC = 3.0 V
2.8
3.0
-
2.8
-
V
lO = −100 µA; VCC = 4.5 V
4.3
4.5
-
4.3
-
V
lO = −6 mA; VCC = 3.0 V
2.4
2.82
-
2.2
-
V
lO = −12 mA; VCC = 4.5 V
3.6
4.2
-
3.5
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 100 µA; VCC = 1.2 V
-
0
-
-
-
V
IO = 100 µA; VCC = 2.0 V
-
0
0.2
-
0.2
V
IO = 100 µA; VCC = 2.7 V
-
0
0.2
-
0.2
V
IO = 100 µA; VCC = 3.0 V
-
0
0.2
-
0.2
V
IO = 100 µA; VCC = 4.5 V
-
0
0.2
-
0.2
V
IO = 6 mA; VCC = 3.0 V
-
0.25
0.40
-
0.50
V
IO = 12 mA; VCC = 4.5 V
-
0.35
0.55
-
0.65
V
II
input leakage current
VI =VCC or GND;
VCC = 5.5 V
-
-
1.0
-
1.0
µA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
20.0
-
160
µA
∆ICC
additional supply current
per input; VI = VCC − 0.6 V;
VCC = 2.7 V to 3.6 V
-
-
500
-
850
µA
CI
input capacitance
-
3.5
-
-
-
pF
Table 6.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max


Número de pieza similar - 74LV138_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LV138A TI-74LV138A Datasheet
649Kb / 18P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
NXP Semiconductors
74LV138BQ NXP-74LV138BQ Datasheet
105Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
Nexperia B.V. All right...
74LV138BQ NEXPERIA-74LV138BQ Datasheet
256Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 6 - 22 July 2021
logo
NXP Semiconductors
74LV138D PHILIPS-74LV138D Datasheet
116Kb / 12P
   3-to-8 line decoder/multiplexer; inverting
1998 Apr 28
74LV138D NXP-74LV138D Datasheet
105Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
More results

Descripción similar - 74LV138_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com