Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVCH32245A Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 74LVCH32245A
Descripción Electrónicos  32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH32245A Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVCH32245A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74LVCH32245A is a 32-bit transceiver featuring non-inverting 3-state bus compatible
outputs in both send and receive directions. The device features four output enable (nOE)
inputs for easy cascading and four send/receive (nDIR) inputs for direction control.
Pin nOE controls the outputs so that the buses are effectively isolated.
Inputs can be driven from either 3.3 V or 5 V devices. When disabled, up to 5.5 V can be
applied to the outputs. These features allow the use of these devices in mixed
3.3 V and 5 V applications.
To ensure the high-impedance state during power-up or power-down, pin nOE should be
tied to VCC through a pull-up resistor; the minimum value of the resistor is determined by
the current-sinking capability of the driver.
Bus hold on data inputs eliminates the need for external pull-up resistors to hold unused
inputs.
2.
Features and benefits
5 V tolerant inputs/outputs for interfacing with 5 V logic
Wide supply voltage range from 2.3 V to 3.6 V
CMOS low power consumption
MULTIBYTE flow-through standard pin-out architecture
Low inductance multiple power and ground pins for minimum noise and ground
bounce
Direct interface with TTL levels
Inputs accept voltages up to 5.5 V
High-impedance when VCC =0V
All data inputs have bus hold
Complies with JEDEC standard:
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A (2.3 V to 2.7 V)
JESD8-C/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115B exceeds 200 V
CDM JESD22-C101E exceeds 1000 V
Specified from
40 Cto+85 C and 40 Cto+125 C
Packaged in plastic fine-pitch ball grid array package
74LVCH32245A
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5 — 15 December 2011
Product data sheet


Número de pieza similar - 74LVCH32245A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
74LVCH32245ABF IDT-74LVCH32245ABF Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
74LVCH32245ABF RENESAS-74LVCH32245ABF Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
logo
Integrated Device Techn...
74LVCH32245ABF8 IDT-74LVCH32245ABF8 Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
74LVCH32245ABF8 RENESAS-74LVCH32245ABF8 Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
logo
Integrated Device Techn...
74LVCH32245ABFG IDT-74LVCH32245ABFG Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
More results

Descripción similar - 74LVCH32245A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com