Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVCH322244A Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 74LVCH322244A
Descripción Electrónicos  32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH322244A Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVCH322244A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVCH322244A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVCH322244A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVCH322244A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVCH322244A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVCH322244A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVCH322244A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVCH322244A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVCH322244A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74LVCH322244A is a 32-bit non-inverting buffer/line driver with 3-state outputs. The
3-state outputs are controlled by the output enable inputs nOE. A HIGH on input nOE
causes the outputs to assume a high-impedance OFF-state.
The device is designed with 30
 series termination resistors in both HIGH and LOW
output stages to reduce line noise.
To ensure the high-impedance state during power-up or power-down, input nOE should
be tied to VCC through a pull-up resistor; the minimum value of the resistor is determined
by the current-sinking capability of the driver.
Inputs can be driven from either 3.3 V or 5 V devices. In 3-state operation, outputs can
handle 5 V. These features allow the use of these devices in a mixed 3.3 V and 5 V
environment.
Bus hold on data inputs eliminates the need for external pull-up resistors to hold unused
or floating data inputs at a valid logic level.
2.
Features and benefits
5 V tolerant inputs/outputs for interfacing with 5 V logic
Wide supply voltage range from 1.2 V to 3.6 V
CMOS low power consumption
MULTIBYTE flow-through standard pin-out architecture
Low inductance multiple power and ground pins for minimum noise and ground
bounce
Direct interface with TTL levels
Integrated 30
 termination resistors
All data inputs have bus hold
Complies with JEDEC standard:
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A (2.3 V to 2.7 V)
JESD8-C/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-B exceeds 200 V
CDM JESD22-C101E exceeds 1000 V
Specified from
40 Cto+85 C and 40 Cto+125 C
74LVCH322244A
32-bit buffer/line driver; 30
 series termination resistors; 5 V
tolerant input/output; 3-state
Rev. 3 — 16 December 2011
Product data sheet


Número de pieza similar - 74LVCH322244A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVCH322244AEC PHILIPS-74LVCH322244AEC Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
logo
Texas Instruments
74LVCH322244AZKER TI-74LVCH322244AZKER Datasheet
251Kb / 11P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - 74LVCH322244A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
logo
Nexperia B.V. All right...
74LVCH162244A NEXPERIA-74LVCH162244A Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC2244A PHILIPS-74LVC2244A_15 Datasheet
251Kb / 17P
   Octal buffer/line driver; 30 ??series termination; 5 V tolerant input/output; 3-state
Rev. 5-3 November 2011
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
logo
Nexperia B.V. All right...
74LVC2244A NEXPERIA-74LVC2244A Datasheet
255Kb / 14P
   Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com