Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT14 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74LVT14
Descripción Electrónicos  3.3 V hex inverter Schmitt trigger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT14 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT14_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 10Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74LVT14_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 25 April 2008
7 of 13
NXP Semiconductors
74LVT14
3.3 V hex inverter Schmitt trigger
12. Package outline
Fig 9.
Package outline SOT108-1 (SO14)
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
8.75
8.55
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.0
0.4
SOT108-1
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
7
8
1
14
y
076E06
MS-012
pin 1 index
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.35
0.34
0.16
0.15
0.05
1.05
0.041
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
99-12-27
03-02-19
0
2.5
5 mm
scale
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1


Número de pieza similar - 74LVT14_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT1403 PHILIPS-74LVT1403 Datasheet
70Kb / 10P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
Nexperia B.V. All right...
74LVT1403 NEXPERIA-74LVT1403 Datasheet
199Kb / 11P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
NXP Semiconductors
74LVT1403DR PHILIPS-74LVT1403DR Datasheet
70Kb / 10P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
Nexperia B.V. All right...
74LVT1403DR NEXPERIA-74LVT1403DR Datasheet
199Kb / 11P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
NXP Semiconductors
74LVT14BQ NXP-74LVT14BQ Datasheet
97Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
More results

Descripción similar - 74LVT14_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVT14 NEXPERIA-74LVT14 Datasheet
235Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74LVT14 NXP-74LVT14 Datasheet
97Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com