Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT573 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74LVT573
Descripción Electrónicos  3.3 V octal D-type transparent latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT573 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVT573_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74LVT573
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 22 November 2011
3 of 17
NXP Semiconductors
74LVT573
3.3 V octal D-type transparent latch; 3-state
5.
Pinning information
5.1 Pinning
Fig 3.
Logic diagram
mna810
Q4
D4
D
LE
Q
Q3
D3
D
LE
Q
Q2
D2
D
LE
Q
Q1
D1
D
LE
LE
LE
Q
Q0
D0
D
LATCH
1
LATCH
2
LATCH
3
LATCH
4
LATCH
5
Q
LE
OE
LE
LE
LE
LE
Q5
D5
D
LE
Q
LATCH
6
LE
Q6
D6
D
LE
Q
LATCH
7
LE
Q7
D7
D
LE
Q
LATCH
8
LE
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as a
supply pin or input.
Fig 4.
Pin configuration for SO20 and (T)SSOP20
Fig 5.
Pin configuration for DHVQFN20
74LVT573
OE
VCC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
GND
LE
001aah713
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aah712
74LVT573
Transparent top view
Q7
D6
D7
Q6
D5
Q5
D4
Q4
D3
Q3
D2
Q2
GND(1)
D1
Q1
D0
Q0
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area


Número de pieza similar - 74LVT573_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT573BQ NXP-74LVT573BQ Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573BQ NEXPERIA-74LVT573BQ Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
logo
NXP Semiconductors
74LVT573D PHILIPS-74LVT573D Datasheet
99Kb / 12P
   3.3V Octal D-type transparent latch 3-State
1998 Feb 19
74LVT573D NXP-74LVT573D Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573D NEXPERIA-74LVT573D Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
More results

Descripción similar - 74LVT573_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVT573 NEXPERIA-74LVT573 Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
logo
NXP Semiconductors
74LVT573 NXP-74LVT573 Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Texas Instruments
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com