Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT16500A Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74LVT16500A
Descripción Electrónicos  3.3 V 18-bit universal bus transceiver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16500A Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT16500A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
74LVT16500A_3
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 29 May 2006
5 of 19
Philips Semiconductors
74LVT16500A
3.3 V 18-bit universal bus transceiver; 3-state
A3
8
data input/output A3
A4
9
data input/output A4
A5
10
data input/output A5
GND
11
ground (0 V)
A6
12
data input/output A6
A7
13
data input/output A7
A8
14
data input/output A8
A9
15
data input/output A9
A10
16
data input/output A10
A11
17
data input/output A11
GND
18
ground (0 V)
A12
19
data input/output A12
A13
20
data input/output A13
A14
21
data input/output A14
VCC
22
supply voltage
A15
23
data input/output A15
A16
24
data input/output A16
GND
25
ground (0 V)
A17
26
data input/output A17
OEBA
27
B-to-A output enable input (active LOW)
LEBA
28
B-to-A latch enable input
GND
29
ground (0 V)
CPBA
30
B-to-A clock input (active falling edge)
B17
31
data input/output B17
GND
32
ground (0 V)
B16
33
data input/output B16
B15
34
data input/output B15
VCC
35
supply voltage
B14
36
data input/output B14
B13
37
data input/output B13
B12
38
data input/output B12
GND
39
ground (0 V)
B11
40
data input/output B11
B10
41
data input/output B10
B9
42
data input/output B9
B8
43
data input/output B8
B7
44
data input/output B7
B6
45
data input/output B6
GND
46
ground (0 V)
B5
47
data input/output B5
B4
48
data input/output B4
Table 2.
Pin description …continued
Symbol
Pin
Description


Número de pieza similar - 74LVT16500A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT16500ADGG PHILIPS-74LVT16500ADGG Datasheet
81Kb / 14P
   3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16500ADGG PHILIPS-74LVT16500ADGG Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500ADGG NEXPERIA-74LVT16500ADGG Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVT16500ADL PHILIPS-74LVT16500ADL Datasheet
81Kb / 14P
   3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16500ADL PHILIPS-74LVT16500ADL Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
More results

Descripción similar - 74LVT16500A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A_06 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A_06 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
74LVT16501A PHILIPS-74LVT16501A_15 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501A NEXPERIA-74LVT16501A Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
Texas Instruments
SN74LVTH16500-EP TI1-SN74LVTH16500-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI-SN54ALVTH16601 Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI1-SN54ALVTH16601_08 Datasheet
468Kb / 18P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com