Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT16652A Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 74LVT16652A
Descripción Electrónicos  3.3 V 16-bit bus transceiver/register; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16652A Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVT16652A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74LVT16652A is a high-performance BiCMOS product designed for VCC operation at
3.3 V. The device can be used as two 8-bit transceivers or one 16-bit transceiver.
Complimentary output enable (OEAB and OEBA) inputs are provided to control the
transceiver functions. Select control (SAB and SBA) inputs are provided to select whether
real-time or stored data is transferred. A LOW input level selects real-time data, and a
HIGH input level selects stored data. The circuitry used for select control eliminates the
typical decoding glitch that occurs in a multiplexer during the transition between stored
and real-time data.
Data on the A or B bus, or both, can be stored in the internal flip-flops by LOW-to-HIGH
transitions at the appropriate clock (CPAB or CPBA) inputs regardless of the levels on the
select control or output enable inputs. When SAB and SBA are in real-time transfer mode,
it is possible to store data without using the internal D-type flip-flops by simultaneously
enabling OEAB and OEBA. In this configuration, each output reinforces its input. Thus,
when all other data sources to the two sets of bus lines are at high- impedance, each set
of bus lines remains at its last level configuration.
2.
Features
s 16-bit bus interface
s 3-state buffers
s Output capability: +64 mA and
−32 mA
s TTL input and output switching levels
s Input and output interface capability to systems at 5 V supply
s Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused
inputs
s Live insertion and extraction permitted
s Power-up reset
s Power-up 3-state
s No bus current loading when output is tied to 5 V bus
s Latch-up protection exceeds 500 mA per JESD78
s ESD protection:
x MIL STD 883 method 3015: exceeds 2000 V
x Machine model: exceeds 200 V
74LVT16652A
3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03 — 12 January 2005
Product data sheet


Número de pieza similar - 74LVT16652A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVT16652ADGG NEXPERIA-74LVT16652ADGG Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
74LVT16652ADL NEXPERIA-74LVT16652ADL Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
More results

Descripción similar - 74LVT16652A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
logo
Texas Instruments
SN74LVTH16652-EP TI1-SN74LVTH16652-EP Datasheet
343Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com