Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFB7434PBF Datasheet(PDF) 10 Page - International Rectifier

No. de pieza IRFB7434PBF
Descripción Electrónicos  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFB7434PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFB7434PBF Datasheet HTML 2Page - International Rectifier IRFB7434PBF Datasheet HTML 3Page - International Rectifier IRFB7434PBF Datasheet HTML 4Page - International Rectifier IRFB7434PBF Datasheet HTML 5Page - International Rectifier IRFB7434PBF Datasheet HTML 6Page - International Rectifier IRFB7434PBF Datasheet HTML 7Page - International Rectifier IRFB7434PBF Datasheet HTML 8Page - International Rectifier IRFB7434PBF Datasheet HTML 9Page - International Rectifier IRFB7434PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
November 18, 2014
IRFB7434PbF
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
† Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability/
†† Applicable version of JEDEC standard at the time of product release.
Qualification level
Moisture Sensitivity Level
TO-220
Not applicable
RoHS compliant
(per JEDEC JESD47F††guidelines)
Yes
Qualification information†
Industrial
Revision History
Date
Comment
• Updated data sheet with IR corporate template.
• Updated package outline and part marking on page 9.
• Added bullet point in the Benefits "RoHS Compliant, Halogen -Free" on page 1.
• Updated EAS (L =1mH) = 1098mJ on page 2
• Updated note 9 “Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50Ω, IAS = 47A, VGS =10V”. on page 2
4/22/2014
11/18/2014


Número de pieza similar - IRFB7434PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFB7434PBF IRF-IRFB7434PBF Datasheet
281Kb / 10P
   Brushed Motor drive applications
logo
Infineon Technologies A...
IRFB7434PBF INFINEON-IRFB7434PBF Datasheet
499Kb / 10P
   Brushed Motor drive applications
2018-07-10
More results

Descripción similar - IRFB7434PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com