Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFE130 Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRFE130
Descripción Electrónicos  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFE130 Datasheet(HTML) 2 Page - International Rectifier

  IRFE130_15 Datasheet HTML 1Page - International Rectifier IRFE130_15 Datasheet HTML 2Page - International Rectifier IRFE130_15 Datasheet HTML 3Page - International Rectifier IRFE130_15 Datasheet HTML 4Page - International Rectifier IRFE130_15 Datasheet HTML 5Page - International Rectifier IRFE130_15 Datasheet HTML 6Page - International Rectifier IRFE130_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFE130
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction to Case
5.0
RthJ-PCB
Junction to PC Board
19""
Soldered to a copper clad PC board
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
8.0
ISM
Pulse Source Current (Body Diode) ➀
——
3 2
VSD
Diode Forward Voltage
1.5
V
Tj = 25°C, IS =8.0A, VGS = 0V ➃
trr
Reverse Recovery Time
300
nS
Tj = 25°C, IF =8.0A, di/dt ≤100A/µs
QRR
Reverse Recovery Charge
970
µc
VDD ≤50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
100
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.11
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.18
VGS = 10V, ID =5.0A➃
Resistance
0.207
VGS =10V, ID =8.0A ➃
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID =250µA
gfs
Forward Transconductance
3.0
S ( )
VDS > 15V, IDS =5.0A➃
IDSS
Zero Gate Voltage Drain Current
2 5
VDS=80V, VGS=0V
250
VDS =80V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS =20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS =-20V
Qg
Total Gate Charge
2 9
VGS =10V, ID= 8.0A
Qgs
Gate-to-Source Charge
6.5
nC
VDS =50V
Qgd
Gate-to-Drain (‘Miller’) Charge
1 7
td(on)
Turn-On Delay Time
3 0
VDD =50V, ID =8.0A,
t r
Rise Time
7 5
RG =7.5Ω
td(off)
Turn-Off Delay Time
4 0
tf
Fall Time
4 5
LS + LD
Total Inductance
6.1
Ciss
Input Capacitance
660
VGS = 0V, VDS =25V
Coss
Output Capacitance
260
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
5 1
nA
nH
ns
µA
Measured from the center of
drain pad to center of source
pad


Número de pieza similar - IRFE130_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
IRFE130 SEME-LAB-IRFE130 Datasheet
17Kb / 2P
   N-CHANNEL POWER MOSFET
logo
International Rectifier
IRFE130 IRF-IRFE130 Datasheet
201Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
More results

Descripción similar - IRFE130_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com