Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD2C101 Datasheet(PDF) 3 Page - Solid State Optronic

No. de pieza AD2C101
Descripción Electrónicos  High Blocking Voltage (600V)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSOUSA [Solid State Optronic]
Página de inicio  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C101 Datasheet(HTML) 3 Page - Solid State Optronic

  AD2C101_15 Datasheet HTML 1Page - Solid State Optronic AD2C101_15 Datasheet HTML 2Page - Solid State Optronic AD2C101_15 Datasheet HTML 3Page - Solid State Optronic AD2C101_15 Datasheet HTML 4Page - Solid State Optronic AD2C101_15 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD2C101
1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
0.04 0.04 0.04 0.04 0.05 0.05 0.05 0.05
Turn-Off Tim e (ms)
AD2C101
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
27
28
29
30
31
32
33
34
On-Resistance (ohms)
AD2C101
0
10
20
30
40
50
0.04 0.04 0.04 0.05 0.05 0.05 0.05 0.06
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD2C101
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
600 610 620 630 640 650 660 670
Blocking Voltage (V)
AD2C101
0
20
40
60
80
100
120
Temperature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD2C101
Maximum Load Current vs. Temperature
0
10
20
30
40
50
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
Turn-On Tim e (ms)
AD2C101
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
www.ssousa.com • +1.408.293.4600
Page 3 of 5
AD2C101
rev 1.42 (5/15/2008)
© 2008 Solid State Optronics • San José, CA


Número de pieza similar - AD2C101_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
   1 Form A Solid State Relay
More results

Descripción similar - AD2C101_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
   High Blocking Voltage (600V)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
   High Blocking Voltage (600V)
AD4C201 SSOUSA-AD4C201 Datasheet
298Kb / 8P
   High Blocking Voltage (600V)
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
   High Blocking Voltage (600V)
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
   High Blocking Voltage
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
   High Blocking Voltage
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
   High blocking voltage capability
Rev. 5-23 March 2011
logo
Solid State Optronic
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
   High Blocking Voltage (1200V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
   High Blocking Voltage (800V)
logo
NXP Semiconductors
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
   High blocking voltage capability
26 September 2013
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com