Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SCG2560 Datasheet(PDF) 8 Page - Connor-Winfield Corporation

No. de pieza SCG2560
Descripción Electrónicos  Synchronous Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONNOR-WINFIELD [Connor-Winfield Corporation]
Página de inicio  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2560 Datasheet(HTML) 8 Page - Connor-Winfield Corporation

Back Button SCG2560 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 9Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 10Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 11Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 12Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Preliminary Data Sheet #: SG072
Page 8 of 12
Rev: P01
Date: 04/14/03
© Copyright 2003 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
MEETS EIA-481A AND EIAJ-1009B
1.00 DIA
250 PCS/REEL MAXIMUM
.08
3.15
13.00
8.45 DIA
.08
1.31
.08
DIRECTION OF FEED (CUSTOMER)
(33.27mm)
(2.0mm)
(2.0mm)
(330.2mm)
(80mm)
(2.0mm)
(214.6mm) DIA
(25.4mm)
(Bo)
POCKET SIZE
(Ao)
(Ko)
20.92mm (.824")
21.17mm (.833")
9.49mm (.374")
32mm (1.26") WIDTH
32mm (1.26") PITCH
6.99mm (.275")
(KI)
.374
AD
(9.49mm)
.014
(.36mm)
(28.4mm)
1.118
.559
(14.2mm)
.079 (2mm) DIA. MIN.
.059 (1.5mm) DIA.
.063 (1.6mm) DIA.
.069
(1.75mm)
(4mm)
.157
(2mm)
.079
.063 (1.6mm)
.059 (1.5mm)
.065
.072 (1.85mm)
(1.65mm)
(Ko)
(20.92mm)
.824
.833 (Bo)
(21.17mm)
BD
1.26
(32.0mm)
.275
(6.99mm)
1.260 (32.0mm)
.236 (6.0mm)
(1.93mm)
.076
45°
19.4°
.383
(9.74mm)
(6.00mm)
.236
(3.00mm)
.118
.138
(3.51mm)
W
P
Tape and Reel Packaging
Figure 6


Número de pieza similar - SCG2560

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2500A CONNOR-WINFIELD-SCG2500A Datasheet
790Kb / 12P
   Synchronous Clock Generator
SCG2500 CONNOR-WINFIELD-SCG2500_15 Datasheet
899Kb / 10P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG2520 CONNOR-WINFIELD-SCG2520 Datasheet
898Kb / 10P
   Synchronous Clock Generators
More results

Descripción similar - SCG2560

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
SCG2230G CONNOR-WINFIELD-SCG2230G Datasheet
336Kb / 16P
   Synchronous Clock Generator
SCG6500NT CONNOR-WINFIELD-SCG6500NT Datasheet
800Kb / 12P
   Synchronous Clock Generator
SCG3040G5 CONNOR-WINFIELD-SCG3040G5 Datasheet
274Kb / 12P
   Synchronous Clock Generator
SCG4503 CONNOR-WINFIELD-SCG4503 Datasheet
378Kb / 16P
   Synchronous Clock Generator
SCG3040 CONNOR-WINFIELD-SCG3040 Datasheet
751Kb / 12P
   Synchronous Clock Generator
SCG2500A CONNOR-WINFIELD-SCG2500A Datasheet
790Kb / 12P
   Synchronous Clock Generator
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com