Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC327-40A3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

No. de pieza BC327-40A3
Descripción Electrónicos  General Purpose PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BC327-40A3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  BC327-40A3 Datasheet HTML 1Page - Cystech Electonics Corp. BC327-40A3 Datasheet HTML 2Page - Cystech Electonics Corp. BC327-40A3 Datasheet HTML 3Page - Cystech Electonics Corp. BC327-40A3 Datasheet HTML 4Page - Cystech Electonics Corp. BC327-40A3 Datasheet HTML 5Page - Cystech Electonics Corp. BC327-40A3 Datasheet HTML 6Page - Cystech Electonics Corp. BC327-40A3 Datasheet HTML 7Page - Cystech Electonics Corp. BC327-40A3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C905A3
Issued Date : 2014.12.01
Revised Date : 2015.04.09
Page No. : 4/8
BC327-40A3
CYStek Product Specification
Typical Characteristics(Cont.)
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
-IC, Collector Current(mA)
Tj=125°C
75°C
25°C
0°C
-40°C
-VCE=5V
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
-IC, Collector Current(mA)
VCESAT@IC=50IB
-40°C
0°C
25°C
75°C
125°C
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
-IC, Collector Current(mA)
VCESAT@IC=100IB
-40°C
0°C
25°C
75°C
125°C
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
-IC, Collector Current(mA)
VCESAT@IC=150IB
-40°C
0°C
25°C
75°C
125°C
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
-IC, Collector Current(mA)
VBESAT@IC=10IB
-40°C
0°C
25°C
75°C
125°C
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
-IC, Collector Current(mA)
VBESAT@IC=50IB
-40°C
0°C
25°C
75°C
125°C


Número de pieza similar - BC327-40A3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BC327-40A/B PANJIT-BC327-40A/B Datasheet
146Kb / 3P
   PNP GENERAL PURPOSE TRANSISTORS
More results

Descripción similar - BC327-40A3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com