Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IDT5V41067A Datasheet(PDF) 1 Page - Integrated Device Technology

No. de pieza IDT5V41067A
Descripción Electrónicos  20-pin TSSOP package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V41067A Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT5V41067A Datasheet HTML 1Page - Integrated Device Technology IDT5V41067A Datasheet HTML 2Page - Integrated Device Technology IDT5V41067A Datasheet HTML 3Page - Integrated Device Technology IDT5V41067A Datasheet HTML 4Page - Integrated Device Technology IDT5V41067A Datasheet HTML 5Page - Integrated Device Technology IDT5V41067A Datasheet HTML 6Page - Integrated Device Technology IDT5V41067A Datasheet HTML 7Page - Integrated Device Technology IDT5V41067A Datasheet HTML 8Page - Integrated Device Technology IDT5V41067A Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
2:4 PCIE GEN1/2/3 CLOCK MULTIPLEXER
IDT5V41067A
IDT®
2:4 PCIE GEN1/2/3 CLOCK MULTIPLEXER
1
IDT5V41067A
REV F 112211
Description
The IDT5V41067A is a 2:4 differential clock mux for PCI
Express applications. It has very low additive jitter making it
suitable for use in PCIe Gen2 and Gen3 systems. The
IDT5V41067A selects between 1 of 2 differential HCSL
inputs to fanout to 4 differential HCSL output pairs. The
outputs can also be terminated to LVDS.
Recommended Applications
Clock muxing in PCIe Gen2 and Gen3 applications
Output Features
4 – 0.7V current mode differential HCSL output pairs
Features/Benefits
Low additive jitter; suitable for use in PCIe Gen2 and
Gen3 systems
20-pin TSSOP package; small board footprint
Outputs can be terminated to LVDS; can drive a wider
variety of devices
OE control pin; greater system power management
Industrial temperature range available; supports
demanding embedded applications
Key Specifications
Additive cycle-to-cycle jitter <5 ps
Additive phase jitter (PCIe Gen2/3) <0.2ps
Operating frequency up to 200MHz
Block Diagram
VDD
CLKA
CLKA
Rr (IREF)
CLKB
CLKB
CLKC
CLKC
CLKD
CLKD
SEL
GND
IN1
IN1
IN2
IN2
MUX
2 to 1
OE
2
2
PD


Número de pieza similar - IDT5V41067A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
IDT5V41067A RENESAS-IDT5V41067A Datasheet
386Kb / 14P
   2:4 PCIE GEN1/2/3 CLOCK MULTIPLEXER
112211
More results

Descripción similar - IDT5V41067A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT5V41068A IDT-IDT5V41068A Datasheet
185Kb / 13P
   16-pin TSSOP package
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
   TSSOP Package 14-Pin
logo
Integrated Circuit Syst...
9DBL411B ICST-9DBL411B Datasheet
90Kb / 9P
   20-pin MLF or TSSOP packaging
logo
KEC(Korea Electronics)
KMC7D0CN20C KEC-KMC7D0CN20C Datasheet
368Kb / 1P
   TSSOP-8 PACKAGE
logo
Integrated Circuit Solu...
ICS280 ICSI-ICS280 Datasheet
160Kb / 8P
   Package Outline and Package Dimensions (16-pin TSSOP,173 Mil. Body)
logo
Maxim Integrated Produc...
90-0114 MAXIM-90-0114 Datasheet
26Kb / 1P
   PACKAGE LAND PATTERN, (U20E-1 / U20E1) TSSOP 20 LEADS
Rev B
21-0066 MAXIM-21-0066 Datasheet
42Kb / 1P
   PACKAGE OUTLINE, TSSOP 4.40MM BODY
Rev L
logo
Integrated Device Techn...
ICS650-41 IDT-ICS650-41 Datasheet
228Kb / 11P
   Packaged in 16-pin TSSOP
ICS650-44 IDT-ICS650-44 Datasheet
227Kb / 11P
   Packaged in 16-pin TSSOP
logo
Zetex Semiconductors
TSSOP20 ZETEX-TSSOP20 Datasheet
122Kb / 3P
   Surface mounted, 20 pin package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com