Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV321-N-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMV321-N-Q1
Descripción Electrónicos  LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMV321-N-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LMV321-N-Q1 Datasheet HTML 1Page - Texas Instruments LMV321-N-Q1 Datasheet HTML 2Page - Texas Instruments LMV321-N-Q1 Datasheet HTML 3Page - Texas Instruments LMV321-N-Q1 Datasheet HTML 4Page - Texas Instruments LMV321-N-Q1 Datasheet HTML 5Page - Texas Instruments LMV321-N-Q1 Datasheet HTML 6Page - Texas Instruments LMV321-N-Q1 Datasheet HTML 7Page - Texas Instruments LMV321-N-Q1 Datasheet HTML 8Page - Texas Instruments LMV321-N-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N
LMV358-N-Q1, LMV324-N, LMV324-N-Q1
SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
See
(1) (2).
MIN
MAX
UNIT
Differential Input Voltage
±Supply Voltage
V
Input Voltage
−0.3
+Supply Voltage
V
Supply Voltage (V+–V )
5.5
V
Output Short Circuit to V +
(3)
Output Short Circuit to V
(4)
Soldering Information: Infrared or Convection (30 sec)
260
°C
Junction Temperature(5)
150
°C
Storage temperature Tstg
−65
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the
test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for availability and
specifications.
(3)
Shorting output to V+ will adversely affect reliability.
(4)
Shorting output to V- will adversely affect reliability.
(5)
The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ RθJA. All numbers apply for packages soldered directly onto a PC Board.
7.2 ESD Ratings - Commercial
VALUE
UNIT
LMV358-N/LMV324-N in all packages
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Machine model
±100
LMV321-N in all packages
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±900
V(ESD)
Electrostatic discharge
V
Machine model
±100
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.3 ESD Ratings - Automotive
VALUE
UNIT
LMV358-N-Q1, LMV324-N-Q1 in all packages
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Machine model
±100
LM321-N-Q1 in all packages
Human-body model (HBM), per AEC Q100-002(1)
±900
V(ESD)
Electrostatic discharge
V
Machine model
±100
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.4 Recommended Operating Conditions
MIN
MAX
UNIT
Supply Voltage
2.7
5.5
V
Temperature Range (1): LMV321-N/LMV358-N/LMV324-N
–40
125
°C
(1)
The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ RθJA. All numbers apply for packages soldered directly onto a PC Board.
4
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1


Número de pieza similar - LMV321-N-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV321-N-Q1 TI1-LMV321-N-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   Operational Amplifiers
More results

Descripción similar - LMV321-N-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV324-N-Q1 TI-LMV324-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LMV358-N-Q1 TI-LMV358-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
National Semiconductor ...
LMV321-N NSC-LMV321-N Datasheet
2Mb / 45P
   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_16 Datasheet
1Mb / 30P
[Old version datasheet]   Quad General Purpose, Low Voltage, Low Power Rail-to-Rail Output Operational Amplifiers
logo
National Semiconductor ...
LPV321 NSC-LPV321_14 Datasheet
1Mb / 28P
   Quad General Purpose, Low Voltage, Low Power,Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com