Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A1650-Q1 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS7A1650-Q1
Descripción Electrónicos  TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS7A1650-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7A1650-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A1650-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A1650-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A1650-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A1650-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A1650-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A1650-Q1 Datasheet HTML 10Page - Texas Instruments TPS7A1650-Q1 Datasheet HTML 11Page - Texas Instruments TPS7A1650-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
V
= 1 V
6.5 V
I
= 1 mA
®
IN
OUT
C
= 10 F
C
= 0 nF
OUT
FF
m
Time (5 ms/div)
V
(2 V/div)
IN
V
(2 V/div)
PG
V
(1 V/div)
OUT
TPS7A1601-Q1, TPS7A1633-Q1, TPS7A1650-Q1
SBVS188C – MARCH 2012 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
At TA = –40°C to 125°C, VIN = VOUT(NOM) + 0.5 V or VIN = 3 V (whichever is greater), VEN = VIN, IOUT = 10 µA, CIN = 1 μF, COUT
= 2.2
μF, and FB tied to OUT, unless otherwise noted.
Figure 13. Power-Good Delay
8
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: TPS7A1601-Q1 TPS7A1633-Q1 TPS7A1650-Q1


Número de pieza similar - TPS7A1650-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1650-Q1 TI1-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
More results

Descripción similar - TPS7A1650-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com