Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDD600 Datasheet(PDF) 9 Page - Solid State Optronic

No. de pieza SDD600
Descripción Electrónicos  Low input power consumption
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSOUSA [Solid State Optronic]
Página de inicio  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDD600 Datasheet(HTML) 9 Page - Solid State Optronic

Back Button SDD600_15 Datasheet HTML 2Page - Solid State Optronic SDD600_15 Datasheet HTML 3Page - Solid State Optronic SDD600_15 Datasheet HTML 4Page - Solid State Optronic SDD600_15 Datasheet HTML 5Page - Solid State Optronic SDD600_15 Datasheet HTML 6Page - Solid State Optronic SDD600_15 Datasheet HTML 7Page - Solid State Optronic SDD600_15 Datasheet HTML 8Page - Solid State Optronic SDD600_15 Datasheet HTML 9Page - Solid State Optronic SDD600_15 Datasheet HTML 10Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
© 2011 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 9 of 10
SDD600/H/S/TR
Rev 2.00 (08/01/2011)
SDD600
DC Input
300V
Photo-Darlington Optocoupler
SDD600 Packaging Specifications
Tape & Reel Specifications (T&R)
Note: All dimensions in millimeters [mm]
L
M
N
O
Q
R
S
330±2
101.6±1
16.4+0.2
2.0±0.2
R13±0.5
1.50±0.5
R10±1
B
B1
D
D1
E
K
P
P1
T
W
7.70±0.1
10.46±0.1 ø1.60±0.1 ø1.55±0.05 1.75±0.1
4.25±0.1
12.0±0.1
4.00±0.1
0.3±0.05
16±0.3


Número de pieza similar - SDD600_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
   DC Input Optocoupler
More results

Descripción similar - SDD600_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LPC12A99-__L ETC2-LPC12A99-__L Datasheet
412Kb / 1P
   low power consumption, global input voltage
LPC15P12-__L ETC2-LPC15P12-__L Datasheet
397Kb / 1P
   low power consumption, global input voltage
LPC80B99-__L ETC2-LPC80B99-__L Datasheet
410Kb / 1P
   low power consumption, global input voltage
LPC92B99-__L ETC2-LPC92B99-__L Datasheet
388Kb / 1P
   low power consumption, global input voltage
LPC12B99-__L ETC2-LPC12B99-__L Datasheet
385Kb / 1P
   low power consumption, global input voltage
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com