Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SDD600 Datasheet(PDF) 3 Page - Solid State Optronic

No. de pieza SDD600
Descripción Electrónicos  Low input power consumption
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSOUSA [Solid State Optronic]
Página de inicio  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDD600 Datasheet(HTML) 3 Page - Solid State Optronic

  SDD600_15 Datasheet HTML 1Page - Solid State Optronic SDD600_15 Datasheet HTML 2Page - Solid State Optronic SDD600_15 Datasheet HTML 3Page - Solid State Optronic SDD600_15 Datasheet HTML 4Page - Solid State Optronic SDD600_15 Datasheet HTML 5Page - Solid State Optronic SDD600_15 Datasheet HTML 6Page - Solid State Optronic SDD600_15 Datasheet HTML 7Page - Solid State Optronic SDD600_15 Datasheet HTML 8Page - Solid State Optronic SDD600_15 Datasheet HTML 9Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2011 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 10
SDD600/H/S/TR
Rev 2.00 (08/01/2011)
SDD600
DC Input
300V
Photo-Darlington Optocoupler
Figure 5: Collector Current (IC) vs. Collector-Emitter
Voltage (VCE)
Figure 6: Current Transfer Ratio (CTR) vs. Forward Current (IF)
Figure 2: Collector Power Dissipation (PC) vs. Temperature (°C)
Figure 3: Collector-Emitter Saturation Voltage (VCE(SAT)) vs.
Forward Current (IF)
Figure 4: Forward Current (IF) vs. Forward Voltage (VF)
Figure 1: Forward Current (IF) vs. Temperature (°C)
SDD600 Performance & Characteristics Plots, TA = 25°C (unless otherwise specified)


Número de pieza similar - SDD600_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Solid State Optronic
Solid State Optronic
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
   DC Input Optocoupler
More results

Descripción similar - SDD600_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
List of Unclassifed Manufacturers
List of Unclassifed Man...
LPC12A99-__L ETC2-LPC12A99-__L Datasheet
412Kb / 1P
   low power consumption, global input voltage
LPC15P12-__L ETC2-LPC15P12-__L Datasheet
397Kb / 1P
   low power consumption, global input voltage
LPC80B99-__L ETC2-LPC80B99-__L Datasheet
410Kb / 1P
   low power consumption, global input voltage
LPC12B99-__L ETC2-LPC12B99-__L Datasheet
385Kb / 1P
   low power consumption, global input voltage
LPC92B99-__L ETC2-LPC92B99-__L Datasheet
388Kb / 1P
   low power consumption, global input voltage
Kingbright Corporation
Kingbright Corporation
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
   Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
   Low power consumption
HB Electronic Components
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
   Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
   Low power consumption
Kingbright Corporation
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
   Low power consumption
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz