Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5474-SP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS5474-SP
Descripción Electrónicos  Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS5474-SP Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5474-SP Datasheet HTML 4Page - Texas Instruments ADS5474-SP Datasheet HTML 5Page - Texas Instruments ADS5474-SP Datasheet HTML 6Page - Texas Instruments ADS5474-SP Datasheet HTML 7Page - Texas Instruments ADS5474-SP Datasheet HTML 8Page - Texas Instruments ADS5474-SP Datasheet HTML 9Page - Texas Instruments ADS5474-SP Datasheet HTML 10Page - Texas Instruments ADS5474-SP Datasheet HTML 11Page - Texas Instruments ADS5474-SP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
N
CLK
D
OVR
[13:0],
N+1
N+5
t
CLKL
t
DRY
t
DATA
t
CLKH
t
a
D[13:0], OVR
CLK
N+2
N+3
N+4
DRY
DRY
(1)
N
N+1
N–1
Sample
N–1
Latency = 3.5 Clock Cycles
ADS5474-SP
SLAS574A – SEPTEMBER 2013 – REVISED DECEMBER 2013
www.ti.com
TIMING INFORMATION
(1)
Polarity of DRY is undetermined. For further information, see the Digital Outputs section.
Figure 2. Timing Diagram
TIMING CHARACTERISTICS
(1)
Typical values at TC = +25°C: minimum and maximum values over full temperature range TC,MIN = –55°C to TC,MAX = +125°C,
sampling rate = 400 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 3 VPP differential
clock, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ta
Aperture delay
200
ps
Aperture jitter, rms
Internal jitter of the ADC
103
fs
Latency
3.5
cycles
tCLK
Clock period
2.5
50
ns
tCLKH
Clock pulse duration, high
1
ns
tCLKL
Clock pulse duration, low
1
ns
tDRY
CLK to DRY delay(2)
Zero crossing, 10-pF parasitic loading to GND on each
700
1600
2500
ps
output pin
tDATA
CLK to DATA/OVR delay(2)
Zero crossing, 10-pF parasitic loading to GND on each
650
1600
2600
ps
output pin
tSKEW
DATA to DRY skew
tDATA – tDRY, 10-pF parasitic loading to GND on each output
-700
0
700
ps
pin
tRISE
DRY/DATA/OVR rise time
10-pF parasitic loading to GND on each output pin
500
ps
tFALL
DRY/DATA/OVR fall time
10-pF parasitic loading to GND on each output pin
500
ps
(1)
Timing parameters are assured by characterization, but not production tested.
(2)
DRY, DATA, and OVR are updated on the falling edge of CLK. The latency must be added to tDATA to determine the overall propagation
delay.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5474-SP


Número de pieza similar - ADS5474-SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5474-SP TI1-ADS5474-SP Datasheet
1Mb / 28P
[Old version datasheet]   400MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5474-SP TI1-ADS5474-SP Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS5474-SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com