Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM140JAN-SP Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM140JAN-SP
Descripción Electrónicos  LM140JAN Three Terminal Positive Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM140JAN-SP Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM140JAN-SP_15 Datasheet HTML 4Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 5Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 6Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 7Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 8Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 9Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 10Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 11Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LM140JAN
SNVS399A – FEBRUARY 2006 – REVISED MARCH 2013
www.ti.com
LM140K-5.0 (JL140-5BYA, SYA) JAN Electrical Characteristics DC Drift Parameters
Delta calculations performed on JAN S devices at group B, Subgroup 5, only.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VO
Output Voltage
VI = 8V, IL = -5mA
-
0.02
V
1
0.02
5
5
VI = 8V, IL = -1A
-
0.02
V
1
0.02
5
5
VI = 20V, IL = -5mA
-
0.02
V
1
0.02
5
5
VI = 20V, IL = -1A
-
0.02
V
1
0.02
5
5
VI = 35V, IL = -5mA
-
0.02
V
1
0.02
5
5
VI = 35V, IL = -0.1A
-
0.02
V
1
0.02
5
5
ISCD
Stand by Current Drain
VI = 10V, IL = -5mA
-20
20
%
1
LM140K-12 (JL140-12BYA) JAN Electrical Characteristics DC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VO (1)
Output Voltage
VI = 15V, IL = -5mA
11.4
12.6
V
1, 2, 3
VI = 15V, IL = -1A
11.4
12.6
V
1, 2, 3
VI = 27V, IL = -5mA
11.4
12.6
V
1, 2, 3
VI = 27V, IL = -1A
11.4
12.6
V
1, 2, 3
VI = 35V, IL = -5mA
11.4
12.6
V
1, 2, 3
VI = 35V, IL = -0.1A
11.4
12.6
V
1, 2, 3
VRLine
Line Regulation
15V
≤ VI ≤ 35V, IL = -0.1A
-360
360
mV
1, 2, 3
15V
≤ VI ≤ 32V, IL = -0.5A
-120
120
mV
1, 2, 3
VRLoad
Load Regulation
VI = 17V, -1A ≤ IL ≤ -5mA
-240
240
mV
1, 2, 3
VI = 35V, -0.1A ≤ IL ≤ -5mA
-360
360
mV
1, 2, 3
ISCD
Stand by Current Drain
VI = 17V, IL = -5mA
-7.0
-0.5
mA
1, 2, 3
VI = 35V, IL = -5mA
-8.0
-0.5
mA
1, 2, 3
ΔISCD Line
Stand by IDrain vs. VLine
15V
≤ VI ≤ 35V, IL = -5mA
-1.0
1.0
mA
1, 2, 3
ΔISCD Load
Stand by IDrain vs. ILoad
VI = 17V, -1A ≤ IL ≤ -5mA
-0.5
0.5
mA
1, 2, 3
IOL
Over Load Current
Forced
ΔVO = -1.13V, VI = 15V
-4.0
-1.0
A
1, 2, 3
IOS
Output Short Circuit Current
VI = 17V
-3.5
-0.02
A
1, 2, 3
VI = 32V
-2.5
-0.02
A
1, 2, 3
VI = 35V
-2.0
-0.02
A
1, 2, 3
VO (2)
Output Voltage
VI = 17V, IL = -5mA
(1)
11.2
12.7
V
2
8
2
VO (3)
Output Voltage
VI = 17V, IL = -5mA
(2)
11.4
12.6
V
7, 8A, 8B
(1)
Tested at TA = +125°C, correlated to TA = +150°C.
(2)
Tested at extremes as a set up for
ΔVO/ΔT tests.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM140JAN


Número de pieza similar - LM140JAN-SP_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM140JAN NSC-LM140JAN Datasheet
535Kb / 12P
   Three Terminal Positive Regulators
More results

Descripción similar - LM140JAN-SP_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM140JAN NSC-LM140JAN Datasheet
535Kb / 12P
   Three Terminal Positive Regulators
logo
Toshiba Semiconductor
TA78L005AP TOSHIBA-TA78L005AP_06 Datasheet
674Kb / 22P
   Three-Terminal Positive Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com