Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP411DQDGKRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP411DQDGKRQ1
Descripción Electrónicos  짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP411DQDGKRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TMP411DQDGKRQ1 Datasheet HTML 1Page - Texas Instruments TMP411DQDGKRQ1 Datasheet HTML 2Page - Texas Instruments TMP411DQDGKRQ1 Datasheet HTML 3Page - Texas Instruments TMP411DQDGKRQ1 Datasheet HTML 4Page - Texas Instruments TMP411DQDGKRQ1 Datasheet HTML 5Page - Texas Instruments TMP411DQDGKRQ1 Datasheet HTML 6Page - Texas Instruments TMP411DQDGKRQ1 Datasheet HTML 7Page - Texas Instruments TMP411DQDGKRQ1 Datasheet HTML 8Page - Texas Instruments TMP411DQDGKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TMP411-Q1
www.ti.com
SBOS527F – DECEMBER 2010 – REVISED NOVEMBER 2013
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
VALUE
UNIT
Power supply, VS
7
V
Input voltage
Pins 2, 3, 4 only
–0.5 V to VS + 0.5
V
Input voltage
Pins 6, 7, 8 only
−0. 5 V to 7
V
Input current
10
mA
Operating temperature range
−55°C to 127
°C
Storage temperature range
–60°C to 130
°C
Junction temperature (TJ max)
150
°C
ESD rating
Human-body model (HBM) AEC-Q100 Classification Level
2
kV
H2
Charged-device model (CDM) AEC-Q100 Classification
750
V
Level C4B
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may degrade device reliability.
ELECTRICAL CHARACTERISTICS
at TA = −40°C to +125°C and VS = 2.7V to 5.5V, unless otherwise noted.
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Error
TELOCAL
Local temperature sensor
TA = −40°C to 125°C
±1.25
±2.5
°C
TEREMOTE
Remote temperature sensor(1)
TA = 15°C to 85°C, VS = 3.3 V
±0.0625
±1
°C
TA = 15°C to 75°C,
TDIODE = −40°C to
±0.0625
±1
°C
150°C,
TA = −40°C to 100°C,
±1
±3
°C
VS = 3.3 V
TA = −40°C to 125°C,
±3
±5
°C
vs supply
Local/remote
VS = 2.7 V to 5.5 V
±0.2
±0.5
°C/V
Temperature Measurement
Conversion time (per channel)
One-shot mode
105
115
125
ms
Resolution
Local temperature sensor
9
12
Bits
(programmable)
Remote temperature sensor
12
Bits
Remote Sensor
High
Series resistance 3 k
Ω max.
120
μA
Source Currents
Medium high
60
μA
Medium low
12
μA
Low
6
μA
η
Remote transistor ideality factor
Optimized ideality factor
1.008
SMBus Interface
Logic input high voltage (SCL,
VIH
2.1
V
SDA)
VIL
Logic Input low voltage (SCL, SDA)
0.8
V
Hysteresis
500
mV
SMBus output low sink current
6
mA
Logic input current
−1
1
μA
SMBus input capacitance (SCL,
3
pF
SDA)
SMBus clock frequency
3.4
MHz
SMBus timeout
25
30
35
ms
(1)
Tested with less than 5-
Ω effective series resistance and 100-pF differential input capacitance. TA is the ambient temperature of the
TMP411-Q1. TDIODE is the temperature at the remote diode sensor.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP411-Q1


Número de pieza similar - TMP411DQDGKRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 BURR-BROWN-TMP411 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI-TMP411 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Descripción similar - TMP411DQDGKRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com