Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRLZ24NSPBF Datasheet(PDF) 3 Page - International Rectifier |
|
IRLZ24NSPBF Datasheet(HTML) 3 Page - International Rectifier |
3 / 10 page IRLZ24NS/LPbF www.irf.com 3 Fig 1. Typical Output Characteristics Fig 3. Typical Transfer Characteristics Fig 4. Normalized On-Resistance Vs.Temperature Fig 2. Typical Output Characteristics 0.1 1 10 100 0.1 1 10 100 V , Drain-to-Source Voltage (V) DS A 20µs PULSE WIDTH T = 25°C J VGS TOP 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V 2.5V 0.1 1 10 100 0.1 1 10 100 V , Drain-to-Source Voltage (V) DS A 20µs PULSE WIDTH T = 175°C VGS TOP 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V 2.5V J 0.1 1 10 100 2 3456789 10 T = 25°C J GS V , Gate-to-Source Voltage (V) T = 175°C J A V = 15V 20µs PULSE WIDTH DS 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 J T , Junction Temperature (°C) V = 10V GS A I = 18A D |
Número de pieza similar - IRLZ24NSPBF_15 |
|
Descripción similar - IRLZ24NSPBF_15 |