Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3643AYFFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3643AYFFR
Descripción Electrónicos  Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3643AYFFR Datasheet(HTML) 3 Page - Texas Instruments

  LM3643AYFFR Datasheet HTML 1Page - Texas Instruments LM3643AYFFR Datasheet HTML 2Page - Texas Instruments LM3643AYFFR Datasheet HTML 3Page - Texas Instruments LM3643AYFFR Datasheet HTML 4Page - Texas Instruments LM3643AYFFR Datasheet HTML 5Page - Texas Instruments LM3643AYFFR Datasheet HTML 6Page - Texas Instruments LM3643AYFFR Datasheet HTML 7Page - Texas Instruments LM3643AYFFR Datasheet HTML 8Page - Texas Instruments LM3643AYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Top View
A1
A2
B1
B2
B3
Top View
A3
C2
C1
C3
D2
D3
D1
Pin A1
LM3643, LM3643A
www.ti.com
SNVS967A – AUGUST 2014 – REVISED NOVEMBER 2014
7 Pin Configuration and Functions
DSBGA
12 Pins
Pin Functions
PIN
DESCRIPTION
NUMBER
NAME
A1
GND
Ground
Input voltage connection. Connect IN to the input supply and bypass to GND with a 10-µF or larger
A2
IN
ceramic capacitor.
A3
SDA
Serial data input/output in the I2C Mode on LM3643.
B1
SW
Drain Connection for Internal NMOS and Synchronous PMOS Switches.
Active high hardware flash enable. Drive STROBE high to turn on Flash pulse. Internal pulldown
B2
STROBE
resistor of 300 k
Ω between STROBE and GND.
B3
SCL
Serial clock input for LM3643.
C1
OUT
Step-up DC/DC Converter Output. Connect a 10-µF ceramic capacitor between this terminal and GND.
Active high enable pin. High = Standby, Low = Shutdown/Reset. Internal pulldown resistor of 300 k
C2
HWEN
between HWEN and GND.
C3
TORCH/TEMP
Torch terminal input or threshold detector for NTC temperature sensing and current scale back.
D1
LED2
High-side current source output for flash LED.
Configurable dual polarity power amplifier synchronization input. Internal pulldown resistor of 300 k
D2
TX
between TX and GND.
D3
LED1
High-side current source output for flash LED.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3643 LM3643A


Número de pieza similar - LM3643AYFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
LM3641M NSC-LM3641M Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3642TLE TI1-LM3642TLE Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE-LT TI1-LM3642TLE-LT Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results

Descripción similar - LM3643AYFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3559 TI1-LM3559 Datasheet
2Mb / 42P
[Old version datasheet]   LM3559 Synchronous Boost Flash Driver with Dual 900 mA High Side Current Sources (1.8A Total Flash Current)
LM3560 TI1-LM3560 Datasheet
3Mb / 42P
[Old version datasheet]   LM3560 Synchronous Boost Flash Driver w/ Dual 1A High-Side Current Sources (2A Total Flash Current)
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com