Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX2492RTW Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza LMX2492RTW
Descripción Electrónicos  LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMX2492RTW Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMX2492RTW Datasheet HTML 2Page - Texas Instruments LMX2492RTW Datasheet HTML 3Page - Texas Instruments LMX2492RTW Datasheet HTML 4Page - Texas Instruments LMX2492RTW Datasheet HTML 5Page - Texas Instruments LMX2492RTW Datasheet HTML 6Page - Texas Instruments LMX2492RTW Datasheet HTML 7Page - Texas Instruments LMX2492RTW Datasheet HTML 8Page - Texas Instruments LMX2492RTW Datasheet HTML 9Page - Texas Instruments LMX2492RTW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
tCES
tCS
R/W
A14
A13
tCH
tCWH
tCWL
A0
D7
D1
D0
MSB
LSB
DATA
CLK
LE
tCE
tEWH
A12
A11
LMX2492, LMX2492-Q1
SNAS624B – MARCH 2014 – REVISED MAY 2015
www.ti.com
Electrical Characteristics (continued)
(3.15 V
≤ Vcc ≤ 3.45 V. Vcc ≤Vcp ≤5.25 V. Typical values are at Vcc = Vcp = 3.3 V, 25 °C.
-40°C
≤ TA ≤ 85 °C for the LMX2492 and -40°C ≤ TA ≤ 125 °C for the LMX2492-Q1 ; except as specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC OUTPUT TERMINALS (MUXout,TRIG1,TRIG2,MOD)
0.8 x
VOH
Output High Voltage
Vcc
V
Vcc
VOL
Output Low Voltage
0
0.2 x Vcc
V
LOGIC INPUT TERMINALS (CE,CLK,DATA,LE,MUXout,TRIG1,TRIG2,MOD)
VIH
Input High Voltage
1.4
Vcc
V
VIL
Input Low Voltage
0
0.6
V
IIH
Input Leakage
-5
1
5
uA
TCELOW
Chip enable Low Time
5
us
TCEHIGH
Chip enable High Time
5
us
7.7 Timing Requirements, Programming Interface (CLK, DATA, LE)
MIN
NOM
MAX
UNIT
TCE
Clock To LE Low Time
10
ns
TCS
Data to Clock Setup Time
4
ns
TCH
Data to Clock Hold Time
4
ns
TCWH
Clock Pulse Width High
10
ns
TCWL
Clock Pulse Width Low
10
ns
TCES
Enable to Clock Setup Time
10
ns
TEWH
Enable Pulse Width High
10
ns
Figure 1. Serial Data Input Timing
There are several other considerations for programming:
The DATA is clocked into a shift register on each rising edge of the CLK signal. On the rising edge of the LE
signal, the data is sent from the shift register to an actual counter.
If no LE signal is given after the last data bit and the clock is kept toggling, then these bits will be read into
the next lower register. This eliminates the need to send the address each time.
A slew rate of at least 30 V/us is recommended for the CLK, DATA, and LE signals
Timing specifications also apply to readback. Readback can be done through the MUXout, TRIG1, TRIG2, or
MOD terminals.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LMX2492 LMX2492-Q1


Número de pieza similar - LMX2492RTW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX2492RTWR TI1-LMX2492RTWR Datasheet
1Mb / 42P
[Old version datasheet]   Low Noise Fractional N PLL
LMX2492RTWT TI1-LMX2492RTWT Datasheet
1Mb / 42P
[Old version datasheet]   Low Noise Fractional N PLL
More results

Descripción similar - LMX2492RTW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX2491 TI1-LMX2491 Datasheet
1Mb / 31P
[Old version datasheet]   6.4-GHz Low Noise RF PLL With Ramp/Chirp Generation
LMX2492 TI1-LMX2492_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Noise Fractional N PLL
logo
Hittite Microwave Corpo...
HMC702LP6CE HITTITE-HMC702LP6CE_11 Datasheet
1Mb / 36P
   14 GHz 16-BIT FRACTIONAL-N PLL
logo
Analog Devices
HMC702LP6CE AD-HMC702LP6CE Datasheet
1Mb / 38P
   14 GHz 16-BIT FRACTIONAL-N PLL
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
HMC778LP6CE HITTITE-HMC778LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC769LP6CE HITTITE-HMC769LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC767LP6CE HITTITE-HMC767LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com