Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX2581E Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LMX2581E
Descripción Electrónicos  LMX2581E Wideband Frequency Synthesizer with Integrated VCO
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMX2581E Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMX2581E_15 Datasheet HTML 4Page - Texas Instruments LMX2581E_15 Datasheet HTML 5Page - Texas Instruments LMX2581E_15 Datasheet HTML 6Page - Texas Instruments LMX2581E_15 Datasheet HTML 7Page - Texas Instruments LMX2581E_15 Datasheet HTML 8Page - Texas Instruments LMX2581E_15 Datasheet HTML 9Page - Texas Instruments LMX2581E_15 Datasheet HTML 10Page - Texas Instruments LMX2581E_15 Datasheet HTML 11Page - Texas Instruments LMX2581E_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
tCES
tCS
D27
D26
D25
D24
tCH
tCWH
tCWL
A3
A2
A1
A0
MSB
LSB
DATA
CLK
LE
tES
tEWH
D0
D23
LMX2581E
SNAS665 – MAY 2015
www.ti.com
Electrical Characteristics (continued)
(3.15 V
≤ Vcc ≤ 3.45 V, -40°C ≤ TA ≤ 85°C; except as specified. Typical values are at Vcc = 3.3 V, 25°C.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INTERFACE (DATA, CLK, LE, CE, MUXout, BUFEN, LD)
VIH
High-level input voltage
1.4
Vcc
V
VIL
Low level input voltage
0.4
V
IIH
High-level input current
VIH = 1.75 V
–5
5
µA
IIL
Low-level input current
VIL = 0 V
–5
5
µA
VOH
High-level output voltage
IOH = –500 µA
2
V
VOL
Low-Level output voltage
IOL = –500 µA
0
0.4
V
7.6 Timing Requirements, MICROWIRE Timing
See Figure 1
MIN
NOM
MAX
UNIT
tES
Clock-to-enable low time
35
ns
tCS
Data-to-clock set up time
10
ns
tCH
Data-to-clock hold time
10
ns
tCWH
Clock pulse width high
25
ns
tCWL
Clock pulse width low
25
ns
tCES
Enable-to-clock setup time
10
ns
tEWH
Enable pulse width high
10
ns
Figure 1. Serial Data Input Timing
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMX2581E


Número de pieza similar - LMX2581E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX2581ESQE TI1-LMX2581ESQE Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581ESQE/NOPB TI1-LMX2581ESQE/NOPB Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581ESQX TI1-LMX2581ESQX Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581ESQX/NOPB TI1-LMX2581ESQX/NOPB Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581EVM TI-LMX2581EVM Datasheet
2Mb / 46P
[Old version datasheet]   Input and Output Connector Description
More results

Descripción similar - LMX2581E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX2581 TI-LMX2581 Datasheet
862Kb / 35P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581_16 Datasheet
1Mb / 56P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581 Datasheet
883Kb / 30P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
logo
Analog Devices
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
   Wideband Synthesizer with Integrated VCO
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
   Wideband Synthesizer with Integrated VCO
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
   Wideband Synthesizer with Integrated VCO
REV. 0
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com