Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS8268150 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS8268150
Descripción Electrónicos  TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS8268150 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS8268150 Datasheet HTML 2Page - Texas Instruments TPS8268150 Datasheet HTML 3Page - Texas Instruments TPS8268150 Datasheet HTML 4Page - Texas Instruments TPS8268150 Datasheet HTML 5Page - Texas Instruments TPS8268150 Datasheet HTML 6Page - Texas Instruments TPS8268150 Datasheet HTML 7Page - Texas Instruments TPS8268150 Datasheet HTML 8Page - Texas Instruments TPS8268150 Datasheet HTML 9Page - Texas Instruments TPS8268150 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
0
1
2
3
4
5
6
7
8
0.0001
0.001
0.01
0.1
1
Iout (A)
3 V
3.5 V
4 V
5 V
C014
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
6
1.746
1.758
1.77
1.782
1.794
1.806
1.818
1.83
1.842
1.854
D023
1 mA
316 mA
501 mA
1 A
1.6 A
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
Iout (A)
2.5 V
3 V
3.6 V
4.2 V
5 V
C006
IOUT (A)
0.0001
0.001
0.01
0.05
0.2
0.5
1
2
1.785
1.79
1.795
1.8
1.805
1.81
D024
2.9 V
3.0 V
3.6 V
4.2 V
5.0 V
TPS8268180, TPS8268150, TPS8268120, TPS8268105, TPS8268090
SLVSBR0C – OCTOBER 2014 – REVISED JUNE 2015
www.ti.com
7.6 Timing Requirements
Minimum and maximum values are at VIN = 2.5 V to 5.5 V, EN = VIN and TA = –40°C to 85°C; Circuit of Parameter
Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6 V, EN = VIN and TA = 25°C
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Start-up delay time
Time from EN = high to start switching
120
300
μs
IOUT = 0mA, Time from start switching until 95%
tRAMP
Ramp time
150
μs
of nominal output voltage
7.7 Typical Characteristics
VOUT = 1.80 V
25°C
VOUT = 1.80V
25°C
Figure 2. Output Voltage vs Output Current
Figure 1. Efficiency vs Output Current
VOUT = 1.80 V
25°C
VOUT = 1.80 V
25°C
Figure 3. Output Voltage vs Input Voltage
Figure 4. Switching Frequency vs Output Current
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS8268180 TPS8268150 TPS8268120 TPS8268105 TPS8268090


Número de pieza similar - TPS8268150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670SIP TI1-TPS82670SIP Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results

Descripción similar - TPS8268150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com