Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF25GCA12-__H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza UF25GCA12-__H
Descripción Electrónicos  AC AXIAL FANS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

UF25GCA12-__H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UF25GCA12-__H Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
UF25GC series
0
100 200
AIR FLOW (CFM)
300 400 500 600 700 800 900
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1
2
3
LEAD WIRE TYPE
3.5 ±0.02
(89 ±0.5)
0.10
(2.5)
ø10.0 ±0.03
(ø254
)
+1.0
–0.5
ø0.18 ±0.01
(ø4.6 ±0.2)
ø9.6 9
(ø246)
ø8.6 6
(ø220)
t=0.5
TERMINAL TYPE
0.12
(3)
0.31
(8)
(254 dia. x 89 mm)
10.0 dia. x 3.5 inches
Operating voltage: 115 or 230 VAC
Construction:
aluminum die cast frame;
UL94V-0 PBT impeller
Bearing option:
ball bearing
Motor:
permanent split capacitor
Air Flow:
exhaust over struts
Connection:
terminal or 22 AWG lead wires
Protection:
thermal
Options:
dual voltage 115/130VAC,
IP55; IP55 + salt fog
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Locked
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
Curve
M³/Min. CFM MM
INCH
UF25GC12-_ _H
115
60
33
0.29
0.51
1,650
15.5
550
10
0.40
55
1.90
1
UF25GC23-_ _H
230
60
33
0.14
0.25
1,650
15.5
550
10
0.40
55
1.90
1
UF25GCA12-_ _H
115
60
75
0.66
0.70
2,600
19.3
680
9.4
0.37
62
1.90
2
UF25GCA23-_ _H
230
60
75
0.35
0.36
2,600
19.3
680
9.4
0.37
62
1.90
2
UF25GCB12-_ _H
115
60
96
0.88
1.16
3200
23.0
812
20.7
0.82
65
2.30
3
UF25GCB23-_ _H
230
60
98
0.45
0.60
3200
23.0
812
20.7
0.82
65
2.30
3
08.07.15


Número de pieza similar - UF25GCA12-__H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mechatronics, Inc.
UF25GCA12-XXH MECHATRONICS-UF25GCA12-XXH Datasheet
374Kb / 1P
   AC AXIAL FANS
More results

Descripción similar - UF25GCA12-__H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com