Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD16570Q5B Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza CSD16570Q5B
Descripción Electrónicos  CSD16570Q5B 25-V N-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD16570Q5B Datasheet(HTML) 4 Page - Texas Instruments

  CSD16570Q5B_15 Datasheet HTML 1Page - Texas Instruments CSD16570Q5B_15 Datasheet HTML 2Page - Texas Instruments CSD16570Q5B_15 Datasheet HTML 3Page - Texas Instruments CSD16570Q5B_15 Datasheet HTML 4Page - Texas Instruments CSD16570Q5B_15 Datasheet HTML 5Page - Texas Instruments CSD16570Q5B_15 Datasheet HTML 6Page - Texas Instruments CSD16570Q5B_15 Datasheet HTML 7Page - Texas Instruments CSD16570Q5B_15 Datasheet HTML 8Page - Texas Instruments CSD16570Q5B_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GATE
Source
DRAIN
M0137-01
GATE
Source
DRAIN
M0137-02
CSD16570Q5B
SLPS496 – JULY 2014
www.ti.com
Max RθJA = 50°C/W
Max RθJA = 125°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of
minimum pad area of
2-oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD16570Q5B


Número de pieza similar - CSD16570Q5B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD16570Q5B TI1-CSD16570Q5B_16 Datasheet
410Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
More results

Descripción similar - CSD16570Q5B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD16327Q3 TI1-CSD16327Q3_16 Datasheet
425Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16570Q5B TI1-CSD16570Q5B_16 Datasheet
410Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16321Q5 TI-CSD16321Q5_V01 Datasheet
602Kb / 13P
[Old version datasheet]   CSD16321Q5 25-V N-Channel NexFET??Power MOSFET
MAY 2017
CSD16340Q3 TI1-CSD16340Q3_16 Datasheet
280Kb / 14P
[Old version datasheet]   CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com