Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CSD17484F4 Datasheet(PDF) 4 Page - Texas Instruments

No. de Pieza. CSD17484F4
Descripción  CSD17484F4 30 V N-Channel FemtoFET MOSFET
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

CSD17484F4 Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
VDS - Drain-to-Source Voltage (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
1
2
3
4
5
6
7
8
9
10
D002
VGS = 1.8 V
VGS = 2.5 V
VGS = 3.8 V
VGS = 4.5 V
VGS - Gate-to-Source Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
1
2
3
4
5
6
7
8
9
10
D003
TC = 125°C
TC = 25°C
TC = -55°C
CSD17484F4
SLPS550 – MAY 2015
www.ti.com
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
VDS = 5V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD17484F4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn