Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5250 Datasheet(PDF) 4 Page - Analog Microelectronics

No. de pieza AME5250
Descripción Electrónicos  1A, 1.5MHz Synchronous Step-Down Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5250 Datasheet(HTML) 4 Page - Analog Microelectronics

  AME5250 Datasheet HTML 1Page - Analog Microelectronics AME5250 Datasheet HTML 2Page - Analog Microelectronics AME5250 Datasheet HTML 3Page - Analog Microelectronics AME5250 Datasheet HTML 4Page - Analog Microelectronics AME5250 Datasheet HTML 5Page - Analog Microelectronics AME5250 Datasheet HTML 6Page - Analog Microelectronics AME5250 Datasheet HTML 7Page - Analog Microelectronics AME5250 Datasheet HTML 8Page - Analog Microelectronics AME5250 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AME
4
1A, 1.5MHz Synchronous
Step-Down Converter
AME5250
Rev. B.04
n
Ordering Information
A
1. NC
V: DFN
Y: 6
100: 1.0V
(DFN-6D)
2. EN
W: QFN
E: 16
120: 1.2V
3. IN
150: 1.5V
4. SW
160: 1.6V
5. GND
180: 1.8V
6. FB/OUT
250: 2.5V
330: 3.3V
A
1. GND
ADJ: Adjustable
(QFN-16C)
2. GND
3. GND
4. FB/OUT
5. GND
6. NC
7. EN
8. NC
9. IN
10. IN
11. IN
12. IN
13. SW
14. SW
15. SW
16. NC
Pin Configuration &
Special Feature
Package
Type
Number of
Pins
Output Voltage
Number of Pins
Package Type
Pin Configuration & Special Feature
AME5250 - x x x xxx
Output Voltage


Número de pieza similar - AME5250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
More results

Descripción similar - AME5250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com