Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD23202W10 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza CSD23202W10
Descripción Electrónicos  CSD23202W10 12-V P-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD23202W10 Datasheet(HTML) 3 Page - Texas Instruments

  CSD23202W10_15 Datasheet HTML 1Page - Texas Instruments CSD23202W10_15 Datasheet HTML 2Page - Texas Instruments CSD23202W10_15 Datasheet HTML 3Page - Texas Instruments CSD23202W10_15 Datasheet HTML 4Page - Texas Instruments CSD23202W10_15 Datasheet HTML 5Page - Texas Instruments CSD23202W10_15 Datasheet HTML 6Page - Texas Instruments CSD23202W10_15 Datasheet HTML 7Page - Texas Instruments CSD23202W10_15 Datasheet HTML 8Page - Texas Instruments CSD23202W10_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CSD23202W10
www.ti.com
SLPS506 – AUGUST 2014
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = –250 μA
–12
V
BVGSS
Gate-to-Source Voltage;
VDS = 0 V, IG = –250 μA
–6
–7.2
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = –9.6 V
–1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = –6 V
–100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = –250 μA
–0.4
–0.6
–0.9
V
VGS = –1.5 V, ID = –0.5 A
82
123
m
VGS = –1.8 V, ID = –0.5 A
67
92
m
RDS(on)
Drain-to-Source On-Resistance
VGS = –2.5 V, ID = –0.5 A
54
66
m
VGS = –4.5 V, ID = –0.5 A
44
53
m
gƒs
Transconductance
VDS = –1.2 V, ID = –0.5 A
5.6
S
DYNAMIC CHARACTERISTICS
CISS
Input Capacitance
394
512
pF
COSS
Output Capacitance
VGS = 0 V, VDS = –6.0 V, ƒ = 1 MHz
238
310
pF
CRSS
Reverse Transfer Capacitance
29
37
pF
Qg
Gate Charge Total (–4.5 V)
2.9
3.8
nC
Qgd
Gate Charge Gate-to-Drain
0.28
nC
VDS = –6 V, ID = –0.5 A
Qgs
Gate Charge Gate-to-Source
0.55
nC
Qg(th)
Gate Charge at Vth
0.29
nC
QOSS
Output Charge
VDS = –6 V, VGS = 0 V
2.0
nC
td(on)
Turn On Delay Time
9
ns
tr
Rise Time
4
ns
VDS = –6 V, VGS = –4.5 V,
ID = –0.5 A RG = 0 Ω
td(off)
Turn Off Delay Time
58
ns
tƒ
Fall Time
21
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
IS = –0.5 A, VGS = 0 V
–0.66
–1
V
Qrr
Reverse Recovery Charge
3.7
nC
VDS= –6 V, IF = –0.5 A, di/dt = 100 A/μs
trr
Reverse Recovery Time
12
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction-to-Ambient Thermal Resistance(1)
195
RθJA
°C/W
Junction-to-Ambient Thermal Resistance(2)
65
(1)
Device mounted on FR4 material with minimum Cu mounting area.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD23202W10


Número de pieza similar - CSD23202W10_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD23202W10T TI1-CSD23202W10T Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
More results

Descripción similar - CSD23202W10_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com