Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD23202W10 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza CSD23202W10
Descripción Electrónicos  CSD23202W10 12-V P-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD23202W10 Datasheet(HTML) 1 Page - Texas Instruments

  CSD23202W10_15 Datasheet HTML 1Page - Texas Instruments CSD23202W10_15 Datasheet HTML 2Page - Texas Instruments CSD23202W10_15 Datasheet HTML 3Page - Texas Instruments CSD23202W10_15 Datasheet HTML 4Page - Texas Instruments CSD23202W10_15 Datasheet HTML 5Page - Texas Instruments CSD23202W10_15 Datasheet HTML 6Page - Texas Instruments CSD23202W10_15 Datasheet HTML 7Page - Texas Instruments CSD23202W10_15 Datasheet HTML 8Page - Texas Instruments CSD23202W10_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
0
15
30
45
60
75
90
105
120
135
150
0
1
2
3
4
5
6
− V
GS - Gate-to- Source Voltage (V)
TC = 25°C,I D = − 0.5 A
TC = 125°C,I D = −0.5 A
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.5
1
1.5
2
2.5
3
Qg - Gate Charge (nC)
ID = −0.5A
VDS = −6V
G001
P0097-01
D
D
G
S
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD23202W10
SLPS506 – AUGUST 2014
CSD23202W10 12-V P-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Small Footprint 1 mm × 1 mm
VDS
Drain-to-Source Voltage
–12
V
Low Profile 0.62-mm Height
Qg
Gate Charge Total (–4.5 V)
2.9
nC
Qgd
Gate Charge Gate-to-Drain
0.28
nC
Pb Free
VGS = –1.5 V
82
m
Gate ESD Protection – 3 kV
VGS = –1.8 V
67
m
Drain-to-Source On-
RoHS Compliant
RDS(on)
Resistance
VGS = –2.5 V
54
m
Halogen Free
VGS = –4.5 V
44
m
VGS(th)
Threshold Voltage
–0.60
V
2 Applications
Battery Management
Ordering Information(1)
Load Switch
Device
Qty
Media
Package
Ship
CSD23202W10
3000
7-Inch Reel
Battery Protection
1 × 1-mm Wafer
Tape and
Level Package
Reel
CSD23202W10T
250
7-Inch Reel
3 Description
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
This 12 V, 44 m
Ω device is designed to deliver the
lowest on-resistance and gate charge in a small
Absolute Maximum Ratings
1 mm × 1 mm outline with excellent thermal
characteristics in an ultra-low profile.
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
–12
V
.
VGS
Gate-to-Source Voltage
–6
V
ID
Continuous Drain Current(1)
–2.2
A
Top View
IDM
Pulsed Drain Current(2)
–25
A
Continuous Gate Clamp Current
–0.5
A
IG
Pulsed Gate Clamp Current
–7
A
PD
Power Dissipation(1)
1
W
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
(1) Device operating at a temperature of 105°C
(2) Typ RθJA = 195°C/W, Pulse width ≤100 μs, duty cycle ≤1%
.
.
.
.
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - CSD23202W10_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD23202W10T TI1-CSD23202W10T Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
More results

Descripción similar - CSD23202W10_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com