Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MAX6400 Datasheet(Hoja de datos) 4 Page - Maxim Integrated Products

No. de Pieza. MAX6400
Descripción  μP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

   
 4 page
background image
µP Supervisory Circuits in 4-Bump (2
2)
Chip-Scale Package
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0.2
0
0.6
0.4
1.2
1.0
0.8
1.4
-40
0
-20
20
40
60
80
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
VCC = 3.3V
VCC = 1.2V
0
50
150
100
200
250
-40
0
-20
20
40
60
80
POWER-DOWN RESET DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
VOD = OVERDRIVE VOLTAGE
130
150
140
170
160
200
190
180
210
-40
0
-20
20
40
60
80
POWER-UP RESET TIMEOUT
vs. TEMPERATURE
TEMPERATURE (
°C)
0
1
1000
100
10
MAXIMUM TRANSIENT DURATION
vs. THRESHOLD OVERDRIVE
500
200
100
400
300
THRESHOLD OVERDRIVE VTH - VCC (mV)
RESET/RESET IS
ASSERTED
ABOVE LINE




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MAX6700Low-Voltage High-Accuracy Triple/Quad Voltage μP Supervisory Circuits in SOT Package 1 2 3 4 5 MoreMaxim Integrated Products
MAX6323μP Supervisory Circuits with Windowed Min/Max Watchdog and Manual Reset 1 2 3 4 5 MoreMaxim Integrated Products
MAX6406Voltage Detectors in 4-Bump 2 X 2 Chip-Scale Package 1 2 3 4 5 MoreMaxim Integrated Products
MAX814±1% Accuracy Low-Power +3V and +5V μP Supervisory Circuits 1 2 3 4 5 MoreMaxim Integrated Products
MAX6339Quad Voltage μP Supervisory Circuit in SOT Package 1 2 3 4 5 MoreMaxim Integrated Products
MIC70μP Supervisory Circuits 1 2 3 4 5 MoreMicrel Semiconductor
MAX6351Dual/Triple-Voltage μP Supervisory Circuits 1 2 3 4 5 MoreMaxim Integrated Products
MIC706PμP Supervisory Circuits 1 2 3 4 5 MoreMicrel Semiconductor
MAX6361SOT23 Low-Power μP Supervisory Circuits with Battery Backup 1 2 3 4 5 MoreMaxim Integrated Products
MAX6365SOT23 Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating 1 2 3 4 5 MoreMaxim Integrated Products

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl