Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MAX6700 Datasheet(Hoja de datos) 6 Page - Maxim Integrated Products

No. de Pieza. MAX6700
Descripción  Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

   
 6 page
background image
Low-Voltage, High-Accuracy, Triple/Quad
Voltage µP Supervisory Circuits in SOT Package
6
_______________________________________________________________________________________
Applications Information
Reset Output
The MAX6700 RESET output asserts low when any
monitored IN_ voltage drops below its specified reset
threshold and remains low for the propagation delay
(5µs) after all inputs exceed their thresholds (Figure 3).
The MAX6710 provides an extended reset timeout peri-
od of 140ms (min). The output is open drain with a
weak internal pullup to the monitored IN2 or VCC supply
(10µA typ). For many applications no external pullup
resistor is required to interface with other logic devices.
An external pullup resistor to any voltage from 0 to 5.5V
can overdrive the internal pullup if interfacing to differ-
ent logic-supply voltages (Figure 4). Internal circuitry
prevents reverse current flow from the external pullup
voltage to IN2.
IN1
(ADJ)
IN2, VCC
(3.3V/3V)
IN3
(2.5V/1.8V)
IN4
(ADJ)
0.62V
REFERENCE
NOR
GATE
TIME-
OUT
(200ms)
IN2, VCC
RESET
MAX6710
ALL DEVICES ARE POWERED FROM IN2, VCC (3.0V/3.3V). RESET IS VALID IF VIN1 OR VIN2 IS GREATER THAN 1V, OR IF VCC IS GREATER THAN 2V (MAX6710Q ONLY)
UVLO
Figure 2. MAX6710 Functional Diagram




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MAX6339Quad Voltage μP Supervisory Circuit in SOT Package 1 2 3 4 5 MoreMaxim Integrated Products
MAX6400μP Supervisory Circuits in 4-Bump 2 x 2 Chip-Scale Package 1 2 3 4 5 MoreMaxim Integrated Products
MAX706+3V Voltage Monitoring Low-Cost μP Supervisory Circuits 1 2 3 4 5 MoreMaxim Integrated Products
MAX63263-Pin Ultra-Low-Power SC70/SOT μP Reset Circuits 1 2 3 4 5 MoreMaxim Integrated Products
MAX814±1% Accuracy Low-Power +3V and +5V μP Supervisory Circuits 1 2 3 4 5 MoreMaxim Integrated Products
CAT1026Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
MAX6340Low-Power SC70/SOT μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay 1 2 3 4 5 MoreMaxim Integrated Products
MIC70μP Supervisory Circuits 1 2 3 4 5 MoreMicrel Semiconductor
MAX6351Dual/Triple-Voltage μP Supervisory Circuits 1 2 3 4 5 MoreMaxim Integrated Products
MIC706PμP Supervisory Circuits 1 2 3 4 5 MoreMicrel Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl