Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7K5R6-30E Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza BUK7K5R6-30E
Descripción Electrónicos  Dual N-channel 30 V, 5.6 m廓 standard level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7K5R6-30E Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUK7K5R6-30E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7K5R6-30E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7K5R6-30E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7K5R6-30E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7K5R6-30E_15 Datasheet HTML 9Page - NXP Semiconductors BUK7K5R6-30E_15 Datasheet HTML 10Page - NXP Semiconductors BUK7K5R6-30E_15 Datasheet HTML 11Page - NXP Semiconductors BUK7K5R6-30E_15 Datasheet HTML 12Page - NXP Semiconductors BUK7K5R6-30E_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
BUK7K5R6-30E
Dual N-channel 30 V, 5.6 mΩ standard level MOSFET
BUK7K5R6-30E
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
6 November 2013
10 / 13
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1205
sot1205_po
13-02-19
13-02-21
Unit
mm
max
nom
min
1.05 0.1
0.0
4.4
4.1
0.25
0.19
0.30
0.24
4.70
4.45
3.5
5.30
4.95
0.85
0.85
0.40
A
Dimensions
Note
1. Plastic or metal protrusions of 0.2 mm maximum per side are not included.
Plastic single ended surface mounted package (LFPAK56D); 8 leads
SOT1205
A1
b
0.50
0.35
b1
c
c1 D(1)
0.1
8°
0°
y
θ
D1(1)
4.8
D2
(ref) E
(1) E1(1)
1.8
1.6
E2
e
1.27
H
6.2
5.9
L
1.3
0.8
L1
0.55
0.30
Lp
0.25
w
0
2.5
5 mm
scale
detail X
A1 C
Lp
θ
C
y
E2
D2
E1
D1
mounting
base
c
X
A
c1
A
e
b
(8x)
w
A
D
E
H
L
L1
b1
1
2
3
4
Fig. 18. Package outline LFPAK56D (SOT1205)


Número de pieza similar - BUK7K5R6-30E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK7K5R6-30E NEXPERIA-BUK7K5R6-30E Datasheet
744Kb / 13P
   Dual N-channel 30 V, 5.6 m廓 standard level MOSFET
More results

Descripción similar - BUK7K5R6-30E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK7K5R6-30E NEXPERIA-BUK7K5R6-30E Datasheet
744Kb / 13P
   Dual N-channel 30 V, 5.6 m廓 standard level MOSFET
logo
NXP Semiconductors
PSMN5R6-100PS NXP-PSMN5R6-100PS Datasheet
213Kb / 13P
   N-channel 100 V 5.6 m廓 standard level MOSFET
Rev. 01-23 November 2009
BUK7K5R1-30E PHILIPS-BUK7K5R1-30E_15 Datasheet
304Kb / 13P
   Dual N-channel 30 V, 5.1 m廓 standard level MOSFET
6 November 2013
logo
Nexperia B.V. All right...
BUK7K35-60E NEXPERIA-BUK7K35-60E Datasheet
747Kb / 13P
   Dual N-channel 60 V, 30 m廓 standard level MOSFET
BUK7K5R1-30E NEXPERIA-BUK7K5R1-30E Datasheet
736Kb / 13P
   Dual N-channel 30 V, 5.1 m廓 standard level MOSFET
logo
NXP Semiconductors
PSMN5R6-100PS PHILIPS-PSMN5R6-100PS_15 Datasheet
237Kb / 13P
   N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
30 November 2012
logo
Nexperia B.V. All right...
PSMN5R6-100XS NEXPERIA-PSMN5R6-100XS Datasheet
364Kb / 16P
   N-channel 100V 5.6 m廓 standard level MOSFET in TO220F(SOT186A)
BUK9K5R6-30E NEXPERIA-BUK9K5R6-30E Datasheet
721Kb / 13P
   Dual N-channel 30 V, 5.8 m廓 logic level MOSFET
BUK9K5R1-30E NEXPERIA-BUK9K5R1-30E Datasheet
730Kb / 13P
   Dual N-channel 30 V, 5.3 m廓 logic level MOSFET
logo
NXP Semiconductors
BUK7K52-60E PHILIPS-BUK7K52-60E_15 Datasheet
309Kb / 13P
   Dual N-channel 60 V, 45 m廓 standard level MOSFET
10 December 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com