Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS58J89 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
ADS58J89 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 77 page ADS58J89 SBAS659 – NOVEMBER 2014 www.ti.com 6.6 Electrical Characteristics: 250 MSPS Output, 2x Decimation Filter Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 500 MSPS, 50% clock duty cycle, AVDD33 = 3.3 V; AVDD18 = 1.9 V; AVDDC, DVDD, IOVDD, PLLVDD = 1.8 V, –1-dBFS differential input, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ƒIN = 10 MHz 68.3 ƒIN = 100 MHz 68.2 SNR Signal-to-noise ratio ƒIN = 170 MHz 65 68.2 dBFS ƒIN = 310 MHz 67.6 ƒIN = 450 MHz 66.8 ƒIN = 10 MHz 85 ƒIN = 100 MHz 85 HD2 Second harmonic distortion ƒIN = 170 MHz 75 85 dBc ƒIN = 310 MHz 85 ƒIN = 450 MHz 75 ƒIN = 10 MHz 85 ƒIN = 100 MHz 85 HD3 Third harmonic distortion ƒIN = 170 MHz 75 85 dBc ƒIN = 310 MHz 85 ƒIN = 450 MHz 85 ƒIN = 10 MHz 95 ƒIN = 100 MHz 95 SFDR Spur free dynamic range (Non-HD2, ƒIN = 170 MHz 75 95 dBc (excluding HD2 and HD3) Non-HD3) ƒIN = 310 MHz 90 ƒIN = 450 MHz 85 IMD3 2F1-F2, 2F2-F1, Ain = –7 dBFS FIN = 169 and 171 MHz 93 dBFS 8 Submit Documentation Feedback Copyright © 2014, Texas Instruments Incorporated Product Folder Links: ADS58J89 |
Número de pieza similar - ADS58J89 |
|
Descripción similar - ADS58J89 |