Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7Y8R7-60E Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza BUK7Y8R7-60E
Descripción Electrónicos  N-channel 60 V, 8.7 m standard level MOSFET in LFPAK56
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7Y8R7-60E Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BUK7Y8R7-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK7Y8R7-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7Y8R7-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7Y8R7-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7Y8R7-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7Y8R7-60E_15 Datasheet HTML 9Page - NXP Semiconductors BUK7Y8R7-60E_15 Datasheet HTML 10Page - NXP Semiconductors BUK7Y8R7-60E_15 Datasheet HTML 11Page - NXP Semiconductors BUK7Y8R7-60E_15 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NXP Semiconductors
BUK7Y8R7-60E
N-channel 60 V, 8.7 mΩ standard level MOSFET in LFPAK56
BUK7Y8R7-60E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
7 May 2013
11 / 12
No offer to sell or license — Nothing in this document may be interpreted
or construed as an offer to sell products that is open for acceptance or the
grant, conveyance or implication of any license under any copyrights, patents
or other industrial or intellectual property rights.
Export control — This document as well as the item(s) described herein
may be subject to export control regulations. Export might require a prior
authorization from competent authorities.
Translations — A non-English (translated) version of a document is for
reference only. The English version shall prevail in case of any discrepancy
between the translated and English versions.
12.4 Trademarks
Notice: All referenced brands, product names, service names and
trademarks are the property of their respective owners.
Adelante, Bitport, Bitsound, CoolFlux, CoReUse, DESFire, EZ-HV,
FabKey, GreenChip, HiPerSmart, HITAG, I²C-bus logo, ICODE, I-CODE,
ITEC, Labelution, MIFARE, MIFARE Plus, MIFARE Ultralight, MoReUse,
QLPAK, Silicon Tuner, SiliconMAX, SmartXA, STARplug, TOPFET,
TrenchMOS, TriMedia and UCODE — are trademarks of NXP B.V.
HD Radio and HD Radio logo — are trademarks of iBiquity Digital
Corporation.


Número de pieza similar - BUK7Y8R7-60E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7Y8R7-60E NXP-BUK7Y8R7-60E Datasheet
341Kb / 12P
   N-channel 60 V, 8.7 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK7Y8R7-60E NEXPERIA-BUK7Y8R7-60E Datasheet
753Kb / 12P
   N-channel 60 V, 8.7 mΩ standard level MOSFET in LFPAK56
7 May 2013
More results

Descripción similar - BUK7Y8R7-60E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7Y8R7-60E NXP-BUK7Y8R7-60E Datasheet
341Kb / 12P
   N-channel 60 V, 8.7 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK7Y8R7-60E NEXPERIA-BUK7Y8R7-60E Datasheet
753Kb / 12P
   N-channel 60 V, 8.7 mΩ standard level MOSFET in LFPAK56
7 May 2013
logo
NXP Semiconductors
BUK9Y8R7-60E NXP-BUK9Y8R7-60E Datasheet
352Kb / 13P
   N-channel 60 V, 8.7 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y8R7-60E PHILIPS-BUK9Y8R7-60E_15 Datasheet
353Kb / 13P
   N-channel 60 V, 8.7 m廓 logic level MOSFET in LFPAK56
8 May 2013
logo
Nexperia B.V. All right...
BUK9Y8R7-60E NEXPERIA-BUK9Y8R7-60E Datasheet
765Kb / 13P
   N-channel 60 V, 8.7 mΩ logic level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK7Y4R8-60E PHILIPS-BUK7Y4R8-60E_15 Datasheet
0Kb / 13P
   N-channel 60 V, 4.8 m standard level MOSFET in LFPAK56
7 May 2013
BUK7Y7R2-60E PHILIPS-BUK7Y7R2-60E_15 Datasheet
344Kb / 13P
   N-channel 60 V, 7.2 m standard level MOSFET in LFPAK56
6 November 2013
BUK7Y59-60E PHILIPS-BUK7Y59-60E_15 Datasheet
321Kb / 13P
   N-channel 60 V, 59 m廓 standard level MOSFET in LFPAK56
7 May 2013
BUK7Y43-60E NXP-BUK7Y43-60E Datasheet
294Kb / 13P
   N-channel 60 V, 43 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y6R0-60E NXP-BUK7Y6R0-60E Datasheet
299Kb / 13P
   N-channel 60 V, 6.0 m廓 standard level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com