Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1203 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza AMC1203
Descripción Electrónicos  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC1203_15 Datasheet HTML 5Page - Texas Instruments AMC1203_15 Datasheet HTML 6Page - Texas Instruments AMC1203_15 Datasheet HTML 7Page - Texas Instruments AMC1203_15 Datasheet HTML 8Page - Texas Instruments AMC1203_15 Datasheet HTML 9Page - Texas Instruments AMC1203_15 Datasheet HTML 10Page - Texas Instruments AMC1203_15 Datasheet HTML 11Page - Texas Instruments AMC1203_15 Datasheet HTML 12Page - Texas Instruments AMC1203_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
0
-300
-200
-100
100
200
300
V
(mV)
IN
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
3
2
1
0
-1
-2
-3
4.50
5.50
5.25
5.00
4.75
V
(V)
DD1
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
1
10
100
1000
10000
OSR
18
16
14
12
10
8
6
4
2
0
Sinc Filter
3
Sinc Filter
2
SincFilter
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
AMC1203
www.ti.com
SBAS427C
– FEBRUARY 2008 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS
At VDD1 = VDD2 = 5V, VIN+ = –280mV to +280mV, VIN– = 0V, and sinc
3 filter with OSR = 256, unless otherwise noted.
INTEGRAL NONLINEARITY
INTEGRAL NONLINEARITY
vs INPUT SIGNAL AMPLITUDE
vs TEMPERATURE
Figure 3.
Figure 4.
OFFSET ERROR
OFFSET ERROR
vs SUPPLY VOLTAGE
vs TEMPERATURE
Figure 5.
Figure 6.
GAIN ERROR
EFFECTIVE NUMBER OF BITS
vs TEMPERATURE
vs OVERSAMPLING RATIO
Figure 7.
Figure 8.
Copyright
© 2008–2011, Texas Instruments Incorporated
9


Número de pieza similar - AMC1203_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1203B TI1-AMC1203B Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1203B TI1-AMC1203B Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1203BDUB TI-AMC1203BDUB Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203BDUBR TI-AMC1203BDUBR Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203BDW TI-AMC1203BDW Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Descripción similar - AMC1203_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com