Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1203BDUB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC1203BDUB
Descripción Electrónicos  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AMC1203BDUB Datasheet(HTML) 3 Page - Texas Instruments

  AMC1203BDUB Datasheet HTML 1Page - Texas Instruments AMC1203BDUB Datasheet HTML 2Page - Texas Instruments AMC1203BDUB Datasheet HTML 3Page - Texas Instruments AMC1203BDUB Datasheet HTML 4Page - Texas Instruments AMC1203BDUB Datasheet HTML 5Page - Texas Instruments AMC1203BDUB Datasheet HTML 6Page - Texas Instruments AMC1203BDUB Datasheet HTML 7Page - Texas Instruments AMC1203BDUB Datasheet HTML 8Page - Texas Instruments AMC1203BDUB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AMC1203
www.ti.com
SBAS427C
– FEBRUARY 2008 – REVISED JUNE 2011
THERMAL CHARACTERISTICS
(1)
Over recommended operating conditions, unless otherwise noted.
PARAMETER
SOP-8 GULL-WING
SOP-8
SOIC-16
UNIT
Low-K
127
246
104
°C/W
θJA
Junction-to-air thermal resistance
High-K
78
164
58
°C/W
θJC
Junction-to-case thermal resistance
61
32
25
°C/W
PD
Device power dissipation (max)
110
110
110
mW
(1)
Tested in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3 for leaded surface mount packages.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, VDD1 to GND1 or VDD2 to GND2
4.5
5.0
5.5
V
Common-mode operating range, VCM
0
VDD1
V
Differential input voltage, (VIN+) – (VIN–)
–280
280
mV
Operating junction temperature range, TJ (see the Thermal Characteristics table)
–40
+125
°C
DISSIPATION RATINGS
(1)
DERATING FACTOR
TA ≤ +25°C
TA = +70°C
TA = +85°C
TA = +125°C
PACKAGE
ABOVE TA = +25°C
POWER RATING
POWER RATING
POWER RATING
POWER RATING
SOP-8 Gull-Wing
7.9mW/
°C
984mW
629mW
511mW
354mW
SOP-8
4.1mW/
°C
508mW
325mW
264mW
182mW
SOIC-16
9.6mW/
°C
1201mW
769mW
625mW
432mW
(1)
Based on Low-K thermal resistance.
REGULATORY INFORMATION
VDE
UL
Certified according to IEC 60747-5-2
Recognized under 1577 Component Recognition Program
File Number: 40014131
File Number: E181974
IEC 60747-5-2 ISOLATION CHARACTERISTICS
Over recommended operating conditions, unless otherwise noted.
PARAMETER
TEST CONDITIONS
VALUE
UNIT
VIORM
Maximum working insulation voltage
560
V
Method A, after input or safety test (subgroup 2 or 3),
672
V
VPD = VIORM × 1.2, t = 10s, partial discharge < 5pC
Method A, after environmental test (subgroup 1),
VPD
Input to output test voltage
896
V
VPD = VIORM × 1.6, t = 10s, partial discharge < 5pC
Method B1, routine and initial test, VPD = VIORM × 1.875,
1050
V
100% production test with t = 1s, partial discharge
< 5pC
VIOTM
Transient overvoltage
t = 60s
4000
V
RS
Isolation resistance
VIO = 500V at TS
> 109
PD
Pollution degree
2
Copyright
© 2008–2011, Texas Instruments Incorporated
3


Número de pieza similar - AMC1203BDUB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1203BDUB TI-AMC1203BDUB Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203BDUBR TI-AMC1203BDUBR Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Descripción similar - AMC1203BDUB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com