Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1203BPSAR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC1203BPSAR
Descripción Electrónicos  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AMC1203BPSAR Datasheet(HTML) 2 Page - Texas Instruments

  AMC1203BPSAR Datasheet HTML 1Page - Texas Instruments AMC1203BPSAR Datasheet HTML 2Page - Texas Instruments AMC1203BPSAR Datasheet HTML 3Page - Texas Instruments AMC1203BPSAR Datasheet HTML 4Page - Texas Instruments AMC1203BPSAR Datasheet HTML 5Page - Texas Instruments AMC1203BPSAR Datasheet HTML 6Page - Texas Instruments AMC1203BPSAR Datasheet HTML 7Page - Texas Instruments AMC1203BPSAR Datasheet HTML 8Page - Texas Instruments AMC1203BPSAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
AMC1203
SBAS427C
– FEBRUARY 2008 – REVISED JUNE 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
AMC1203DUB
Tube, 50
SOP-8 Gull-Wing
DUB
–40°C to +105°C
AMC1203
AMC1203DUBR
Tape and Reel, 350
AMC1203PSA
Tube, 95
AMC1203
SOP-8
PSA
–40°C to +105°C
1203
AMC1203PSAR
Tape and Reel, 2000
AMC1203DW
Tube, 40
SOIC-16
DW
–40°C to +105°C
AMC1203
AMC1203DWR
Tape ad Reel, 2000
AMC1203BDUB
Tube, 50
SOP-8 Gull-Wing
DUB
–40°C to +105°C
AMC1203
AMC1203BDUBR
Tape and Reel, 350
AMC1203BPSA
Tube, 95
AMC1203B
SOP-8
PSA
–40°C to +105°C
1203
AMC1203BPSAR
Tape and Reel, 2000
AMC1203BDW
Tube, 40
SOIC-16
DW
–40°C to +105°C
AMC1203
AMC1203BDWR
Tape and Reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
AMC1203
UNIT
Supply voltage, VDD1 to GND1 or VDD2 to GND2
–0.3 to +6
V
Analog input voltage at VIN+, VIN–
GND1
– 0.3 to VDD1 + 0.3
V
Input current to any pin except supply pins
±10
mA
Continuous total power dissipation
See Dissipation Ratings Table
Maximum junction temperature, TJ
+150
°C
Human body model (HBM)
±3000
V
JEDEC standard 22, test method A114-C.01
Charged device Model (CDM)
Electrostatic discharge (ESD), all pins
±1500
V
JEDEC standard 22, test method C101
Machine Model (MM)
±200
V
JEDEC standard 22, test method A115A
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under the Recommended Operating
Conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
2
Copyright
© 2008–2011, Texas Instruments Incorporated


Número de pieza similar - AMC1203BPSAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1203BPSAR TI-AMC1203BPSAR Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Descripción similar - AMC1203BPSAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com