Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1203DWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC1203DWR
Descripción Electrónicos  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AMC1203DWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC1203DWR Datasheet HTML 6Page - Texas Instruments AMC1203DWR Datasheet HTML 7Page - Texas Instruments AMC1203DWR Datasheet HTML 8Page - Texas Instruments AMC1203DWR Datasheet HTML 9Page - Texas Instruments AMC1203DWR Datasheet HTML 10Page - Texas Instruments AMC1203DWR Datasheet HTML 11Page - Texas Instruments AMC1203DWR Datasheet HTML 12Page - Texas Instruments AMC1203DWR Datasheet HTML 13Page - Texas Instruments AMC1203DWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
1
10
100
1000
V
IN
PP
(mV
)
100
90
80
70
60
50
40
30
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
90
89
88
87
86
85
84
83
82
81
80
f
=500Hz
IN
100
10k
1k
f
IN
(Hz)
110
105
100
95
90
85
80
75
70
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
90
89
88
87
86
85
84
83
82
81
80
f
=1kHz
IN
100
10k
1k
f
(Hz)
IN
-80
-85
-90
-95
-100
-105
-110
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
-80
-85
-90
-95
-100
-105
-110
AMC1203
SBAS427C
– FEBRUARY 2008 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At VDD1 = VDD2 = 5V, VIN+ = –280mV to +280mV, VIN– = 0V, and sinc
3 filter with OSR = 256, unless otherwise noted.
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE RATIO
vs INPUT SIGNAL AMPLITUDE
vs TEMPERATURE
Figure 9.
Figure 10.
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE RATIO
vs INPUT SIGNAL FREQUENCY
vs TEMPERATURE
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs INPUT SIGNAL FREQUENCY
vs TEMPERATURE
Figure 13.
Figure 14.
10
Copyright
© 2008–2011, Texas Instruments Incorporated


Número de pieza similar - AMC1203DWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1203DWR TI-AMC1203DWR Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Descripción similar - AMC1203DWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com