Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9C10-55BIT Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BUK9C10-55BIT
Descripción Electrónicos  N-channel TrenchPLUS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9C10-55BIT Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK9C10-55BIT_15 Datasheet HTML 1Page - NXP Semiconductors BUK9C10-55BIT_15 Datasheet HTML 2Page - NXP Semiconductors BUK9C10-55BIT_15 Datasheet HTML 3Page - NXP Semiconductors BUK9C10-55BIT_15 Datasheet HTML 4Page - NXP Semiconductors BUK9C10-55BIT_15 Datasheet HTML 5Page - NXP Semiconductors BUK9C10-55BIT_15 Datasheet HTML 6Page - NXP Semiconductors BUK9C10-55BIT_15 Datasheet HTML 7Page - NXP Semiconductors BUK9C10-55BIT_15 Datasheet HTML 8Page - NXP Semiconductors BUK9C10-55BIT_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NXP Semiconductors
BUK9C10-55BIT
N-channel TrenchPLUS logic level FET
BUK9C10-55BIT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
25 August 2014
2 / 14
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
IS
current sense
3
A
anode
4
D[1]
drain
5
C
cathode
6
KS
Kelvin source
7
S
source
mb
D
mounting base
mb
1
4
7
6
5
3
2
D2PAK-7 (SOT427)
003aad829
IS
S
KS
C
D
A
G
[1] It is not possible to connect to pin 4 of the SOT427 package
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BUK9C10-55BIT
D2PAK-7
Plastic single-ended surface-mounted package (D2PAK-7); 7
leads (one lead cropped)
SOT427
7. Marking
Table 4.
Marking codes
Type number
Marking code
BUK9C10-55BIT
28083 576
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25 °C ≤ Tj ≤ 175 °C
-
55
V
VDGR
drain-gate voltage
RGS = 20 kΩ; 25 °C ≤ Tj ≤ 175 °C
-
55
V
VGS
gate-source voltage
-15
15
V
Ptot
total power dissipation
Tmb = 25 °C; Fig. 1
-
194
W
VGS = 5 V; Tmb = 25 °C; Fig. 2; Fig. 3
[1]
-
75
A
ID
drain current
VGS = 5 V; Tmb = 100 °C; Fig. 2
-
65
A


Número de pieza similar - BUK9C10-55BIT_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK9C10-55BIT NEXPERIA-BUK9C10-55BIT Datasheet
744Kb / 14P
   N-channel TrenchPLUS logic level FET
More results

Descripción similar - BUK9C10-55BIT_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9C07-65BIT PHILIPS-BUK9C07-65BIT_15 Datasheet
375Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 03-15 July 2010
BUK9907-55ATE NXP-BUK9907-55ATE Datasheet
258Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9907-55ATE NEXPERIA-BUK9907-55ATE Datasheet
372Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-55ATE NXP-BUK9107-55ATE Datasheet
256Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9907-40ATC NXP-BUK9907-40ATC Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-65BIT NEXPERIA-BUK9C10-65BIT Datasheet
987Kb / 15P
   N-channel TrenchPLUS logic level FET
BUK9107-55ATE NEXPERIA-BUK9107-55ATE Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-40ATC NXP-BUK9107-40ATC Datasheet
255Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 04-16 February 2009
BUK9907-40ATC PHILIPS-BUK9907-40ATC_15 Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-55BIT NEXPERIA-BUK9C10-55BIT Datasheet
744Kb / 14P
   N-channel TrenchPLUS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com