Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX6954 Datasheet(PDF) 19 Page - Maxim Integrated Products

No. de pieza MAX6954
Descripción Electrónicos  4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6954 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX6954 Datasheet HTML 15Page - Maxim Integrated Products MAX6954 Datasheet HTML 16Page - Maxim Integrated Products MAX6954 Datasheet HTML 17Page - Maxim Integrated Products MAX6954 Datasheet HTML 18Page - Maxim Integrated Products MAX6954 Datasheet HTML 19Page - Maxim Integrated Products MAX6954 Datasheet HTML 20Page - Maxim Integrated Products MAX6954 Datasheet HTML 21Page - Maxim Integrated Products MAX6954 Datasheet HTML 22Page - Maxim Integrated Products MAX6954 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
peak current ISEG, plus the 0.8V headroom required by
the driver output stages. The MAX6954 correctly regu-
lates ISEG with a supply voltage above this minimum
voltage. If the supply drops below this minimum volt-
age, the driver output stages may brown out, and be
unable to regulate the current correctly. As the supply
voltage drops further, the LED segment drive current
becomes effectively limited by the output driver's on-
resistance, and the LED drive current drops. The char-
acteristics of each individual LED in a display digit are
well matched, so the result is that the display intensity
dims uniformly as supply voltage drops out of regula-
tion and beyond.
Computing Power Dissipation
The upper limit for power dissipation (PD) for the
MAX6954 is determined from the following equation:
PD = (V+ x 35mA) + (V+ - VLED) (DUTY x ISEG x N)
where:
V+ = supply voltage
DUTY = duty cycle set by intensity register
N = number of segments driven (worst case is 17)
VLED = LED forward voltage at ISEG
ISEG = segment current set by RSET
PD = Power dissipation, in mW if currents are in mA
Dissipation example:
ISEG = 30mA, N = 17, DUTY = 15/16,
VLED = 2.4V at 30mA, V+ = 3.6V
PD = 3.6V (35mA) + (3.6V - 2.4V)(15/16 x
30mA x 17) = 0.700W
Thus, for a 36-pin SSOP package (TJA = 1 / 0.0118 =
+85°C/W from Operating Ratings), the maximum
allowed ambient temperature TA is given by:
TJ(MAX) = TA + (PD x TJA) = +150°C
= TA + (0.700 x +85°C/W)
So TA = +90.5°C. Thus, the part can be operated safely
at a maximum package temperature of +85°C.
Power Supplies
The MAX6954 operates from a single 2.7V to 5.5V
power supply. Bypass the power supply to GND with a
0.1µF capacitor as close to the device as possible. Add
a 47µF capacitor if the MAX6954 is not close to the
board's input bulk decoupling capacitor.
Terminating the Serial Interface
The MAX6954 uses fixed voltage thresholds of 0.6V
and 1.8V for the 4-wire interface inputs. These fixed
thresholds allow the MAX6954 to be controlled by a
host operating from a lower supply voltage than the
MAX6954; for example, 2.5V. The fixed thresholds also
reduce the logic input noise margin when operating the
MAX6954 from a higher supply voltage, such as 5V. At
higher supply voltages, it may be necessary to fit termi-
nation components to the CLK, DIN, and CS inputs to
avoid signal reflections that the MAX6954 could
respond to as multiple transitions. Suitable termination
components can be either a 33pF capacitor or 4.7k
resistor fitted from each of the CLK, DIN, and CS inputs
to GND.
4-Wire Interfaced, 2.7V to 5.5V LED Display
Driver with I/O Expander and Key Scan
______________________________________________________________________________________
19


Número de pieza similar - MAX6954

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6954 MAXIM-MAX6954 Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954AAX MAXIM-MAX6954AAX Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954AAX MAXIM-MAX6954AAX Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6954APL MAXIM-MAX6954APL Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954APL MAXIM-MAX6954APL Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
More results

Descripción similar - MAX6954

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6954 MAXIM-MAX6954_09 Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954 MAXIM-MAX6954_14 Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6955 MAXIM-MAX6955 Datasheet
552Kb / 39P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
MAX6955 MAXIM-MAX6955_15 Datasheet
497Kb / 40P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 7/15
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
MAX6952 MAXIM-MAX6952 Datasheet
395Kb / 21P
   4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com