Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9K25-40E Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BUK9K25-40E
Descripción Electrónicos  Dual N-channel 40 V, 29 m logic level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9K25-40E Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9K25-40E_15 Datasheet HTML 2Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 3Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 4Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 9Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
BUK9K25-40E
Dual N-channel 40 V, 29 mΩ logic level MOSFET
BUK9K25-40E
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
10 December 2013
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Dynamic characteristics FET1 and FET2
QG(tot)
total gate charge
-
6.3
-
nC
QGS
gate-source charge
-
1.4
-
nC
QGD
gate-drain charge
ID = 5 A; VDS = 32 V; VGS = 5 V;
Tj = 25 °C; Fig. 13; Fig. 14
-
2.4
-
nC
Ciss
input capacitance
-
528
701
pF
Coss
output capacitance
-
95
114
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 15
-
56
76
pF
td(on)
turn-on delay time
-
6.2
-
ns
tr
rise time
-
9.2
-
ns
td(off)
turn-off delay time
-
10.8
-
ns
tf
fall time
VDS = 32 V; RL = 6.4 Ω; VGS = 5 V;
RG(ext) = 5 Ω; Tj = 25 °C; ID = 5 A
-
8.9
-
ns
Source-drain diode FET1 and FET2
VSD
source-drain voltage
IS = 5 A; VGS = 0 V; Tj = 25 °C; Fig. 16
-
0.83
1.2
V
trr
reverse recovery time
-
15.9
-
ns
Qr
recovered charge
IS = 5 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 20 V; Tj = 25 °C
-
7.6
-
nC
003aak319
0
0.8
1.6
2.4
3.2
4
0
5
10
15
20
25
VGS (V)
ID
ID
(A)
(A)
Tj = 25°C
Tj = 25°C
175°C
175°C
Fig. 6. Transfer characteristics; drain current as a
function of gate-source voltage; typical values
003aak320
0
4
8
12
16
0
20
40
60
80
100
VGS (V)
RDSon
RDSon
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values


Número de pieza similar - BUK9K25-40E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK9K25-40E NEXPERIA-BUK9K25-40E Datasheet
749Kb / 13P
   Dual N-channel 40 V, 29 m廓 logic level MOSFET
More results

Descripción similar - BUK9K25-40E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK9K25-40E NEXPERIA-BUK9K25-40E Datasheet
749Kb / 13P
   Dual N-channel 40 V, 29 m廓 logic level MOSFET
logo
NXP Semiconductors
BUK9Y29-40E NXP-BUK9Y29-40E Datasheet
319Kb / 13P
   N-channel 40 V, 29 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y29-40E PHILIPS-BUK9Y29-40E_15 Datasheet
319Kb / 13P
   N-channel 40 V, 29 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9K6R8-40E PHILIPS-BUK9K6R8-40E_15 Datasheet
347Kb / 13P
   Dual N-channel 40 V, 7.2 m logic level MOSFET
5 December 2013
BUK9K8R7-40E PHILIPS-BUK9K8R7-40E_15 Datasheet
344Kb / 13P
   Dual N-channel 40 V, 9.4 m logic level MOSFET
10 December 2013
logo
Nexperia B.V. All right...
BUK9Y29-40E NEXPERIA-BUK9Y29-40E Datasheet
741Kb / 13P
   N-channel 40 V, 29 mΩ logic level MOSFET in LFPAK56
7 May 2013
BUK9K6R8-40E NEXPERIA-BUK9K6R8-40E Datasheet
764Kb / 13P
   Dual N-channel 40 V, 7.2 m廓 logic level MOSFET
BUK9K8R7-40E NEXPERIA-BUK9K8R7-40E Datasheet
763Kb / 13P
   Dual N-channel 40 V, 9.4 m廓 logic level MOSFET
logo
NXP Semiconductors
BUK7Y29-40E NXP-BUK7Y29-40E Datasheet
352Kb / 13P
   N-channel 40 V, 29 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y29-40E PHILIPS-BUK7Y29-40E_15 Datasheet
352Kb / 13P
   N-channel 40 V, 29 m廓 standard level MOSFET in LFPAK56
7 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com