Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7E1R9-40E Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BUK7E1R9-40E
Descripción Electrónicos  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7E1R9-40E Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK7E1R9-40E_15 Datasheet HTML 1Page - NXP Semiconductors BUK7E1R9-40E_15 Datasheet HTML 2Page - NXP Semiconductors BUK7E1R9-40E_15 Datasheet HTML 3Page - NXP Semiconductors BUK7E1R9-40E_15 Datasheet HTML 4Page - NXP Semiconductors BUK7E1R9-40E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7E1R9-40E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7E1R9-40E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7E1R9-40E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7E1R9-40E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NXP Semiconductors
BUK7E1R9-40E
N-channel TrenchMOS standard level FET
BUK7E1R9-40E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
5 September 2012
2 / 12
2. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
D
drain
3
S
source
mb
D
mounting base; connected to
drain
3
2
1
mb
I2PAK (SOT226)
S
D
G
mbb076
3. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BUK7E1R9-40E
I2PAK
plastic single-ended package (I2PAK); TO-262
SOT226
4. Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
40
V
VDGR
drain-gate voltage
RGS = 20 kΩ
-
40
V
VGS
gate-source voltage
Tj ≤ 175 °C; DC
-20
20
V
Tmb = 25 °C; VGS = 10 V; Fig. 1
[1]
-
120
A
ID
drain current
Tmb = 100 °C; VGS = 10 V; Fig. 1
[1]
-
120
A
IDM
peak drain current
Tmb = 25 °C; pulsed; tp ≤ 10 µs; Fig. 4
-
1198
A
Ptot
total power dissipation
Tmb = 25 °C; Fig. 2
-
324
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Source-drain diode
IS
source current
Tmb = 25 °C
[1]
-
120
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
1198
A


Número de pieza similar - BUK7E1R9-40E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7E1R9-40E NXP-BUK7E1R9-40E Datasheet
215Kb / 12P
   N-channel TrenchMOS standard level FET
5 September 2012
logo
Nexperia B.V. All right...
BUK7E1R9-40E NEXPERIA-BUK7E1R9-40E Datasheet
719Kb / 13P
   N-channel TrenchMOS standard level FET
19 May 2016
More results

Descripción similar - BUK7E1R9-40E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com