Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRV401 Datasheet(PDF) 16 Page - Texas Instruments

No. de pieza DRV401
Descripción Electrónicos  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DRV401 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV401_15 Datasheet HTML 12Page - Texas Instruments DRV401_15 Datasheet HTML 13Page - Texas Instruments DRV401_15 Datasheet HTML 14Page - Texas Instruments DRV401_15 Datasheet HTML 15Page - Texas Instruments DRV401_15 Datasheet HTML 16Page - Texas Instruments DRV401_15 Datasheet HTML 17Page - Texas Instruments DRV401_15 Datasheet HTML 18Page - Texas Instruments DRV401_15 Datasheet HTML 19Page - Texas Instruments DRV401_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
DRV401
SBVS070B − JUNE 2006 − REVISED MAY 2009
www.ti.com
16
COMPENSATION DRIVER
The compensation coil driver provides the driving current
for the compensation coil. A fully differential driver stage
offers high signal voltages to overcome the wire resistance
of the coil with only +5V supply. The compensation coil is
connected between ICOMP1 and ICOMP2, both generating an
analog voltage across the coil (see Figure 3) that turns into
current from the wire resistance (and eventually from the
inductance). The compensation current represents the
primary current transformed by the turns ratio. A shunt
resistor is connected in this loop and the high-precision
difference amplifier translates the voltage from this shunt
to an output voltage.
Both compensation driver outputs provide low impedance
over a wide frequency range to insure smooth transitions
between the closed-loop compensation frequency range
and the high-frequency range, where the primary winding
directly couples the primary current into the compensation
coil at a rate set by the winding ratio.
The two compensation driver outputs are designed with
protection circuitry to handle inductive energy. However,
additional external protection diodes might be necessary
for high current sensors.
For reliable operation, a wire break in the compensation
circuit can be detected. If the feedback loop is broken, the
integrating filter drives the outputs ICOMP1 and ICOMP2 to the
opposite rails. With one of these pins coming within 300mV
to ground, a comparator tests for a minimum current flowing
between ICOMP1 and ICOMP2. If this current stays below the
threshold current level for at least 100
µs, the ERROR pin is
asserted active (low). The threshold current level for this test
is less than 57mA at 25
°C and 65mA at −40°C, if the ICOMP
pins are fully railed (see the Typical Characteristics).
For sensors with high winding resistance (compensation coil
resistance + RSHUNT) or connected to an external
compensation driver, this function should be disabled by
pulling the CCdiag pin low.
R
MAX
+
V
OUT
65mA
Where:
VOUT equals the peak voltage between ICOMP1 and ICOMP2
at a 65mA drive current.
RMAX equals the sum of the coil and the shunt resistance.
EXTERNAL COMPENSATION COIL DRIVER
An external driver for the compensation coil can be
connected to the ICOMP1 and ICOMP2 outputs. To prevent a
wire break indication, CCdiag has to be asserted low.
An external driver can provide both a higher drive voltage
and more drive current. It also moves the power
dissipation to the external transistors, thereby allowing a
higher winding resistance in the compensation coil and
more current. Figure 4 shows a block diagram of an
external compensation coil driver. To drive the buffer,
either one or both ICOMP outputs can be used. Note,
however, that the additional voltage gain could cause
instability of the loop. Therefore, the internal gain can be
reduced by approximately 8dB by asserting the GAIN pin
high. RSHUNT is connected to GND to allow for a
single-ended
external
compensation
driver.
The
differential amplifier can continue to sense the voltage,
and used for the gain and over-range comparator or
ERROR flag.
DRV401
External
Buffer
V+
V
Compensation
Coil
R
SHUNT
I
COMP1
I
COMP2
Figure 4. DRV401 with External Compensation Coil Driver and RSHUNT Connected to GND
(1)


Número de pieza similar - DRV401_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results

Descripción similar - DRV401_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com