Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF180(55)APA23-H1C2A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza UF180(55)APA23-H1C2A
Descripción Electrónicos  AC IMPELLERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

UF180(55)APA23-H1C2A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UF180(55)APA23-H1C2A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
UF180(55)APA series
0
50
100
150
AIR FLOW (CFM)
200
250
300
0.25
0.50
0.75
1.00
1.25
1.50
1
2
1 = 60 Hz
2 = 50 Hz
(182 dia. x 55 mm)
7.18 dia. x 2.17 inches
Features:
backward curved impeller
Operating voltage: 115 or 230 VAC
Construction:
aluminum die cast motor base;
UL94V-0 reinforced nylon
impeller
Bearing option:
ball bearing
Motor:
permanent split capacitor
required capacitor included
Air Flow:
centrifugal
Connection:
22 AWG lead wires
Protection:
thermal
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Locked
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
M³/Min. CFM
MM
INCH
UF180(55)APA12-H1C2A
115
50
63
0.60
0.92
2,550
7.5
265
26
1.0
64
1.2
115
60
78
0.70
0.95
2,800
8.3
290
36
1.4
67
1.2
UF180(55)APA23-H1C2A 230
50
63
0.30
0.46
2,550
7.5
265
26
1.0
64
1.2
230
60
78
0.34
0.48
2,800
8.3
290
36
1.4
67
1.2
Lead Wire Type
45°
45°
1.89 ±0.01
(48 ±0.3)
2.17 ±0.02
(55 ±0.5)
0.1
(2)
(5-M4 X 0.7)
AIR IN
AIR IN
ø2.28
(ø58)
Motor Wiring Diagram
Motor
Capacitor
(External)
Blue
Brown
Black
Line
Voltage
Green/Yellow Ground
(optional)
12.16.14


Número de pieza similar - UF180(55)APA23-H1C2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mechatronics, Inc.
UF180(55)APA23-H2C2A MECHATRONICS-UF180(55)APA23-H2C2A Datasheet
584Kb / 1P
   AC IMPELLERS
More results

Descripción similar - UF180(55)APA23-H1C2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mechatronics, Inc.
UF225-99-APA MECHATRONICS-UF225-99-APA Datasheet
391Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF220APA12-H2C2A ETC2-UF220APA12-H2C2A Datasheet
390Kb / 1P
   AC IMPELLERS
UF225(85)APA12-H1C2A ETC2-UF225(85)APA12-H1C2A Datasheet
376Kb / 1P
   AC IMPELLERS
logo
Mechatronics, Inc.
UF175AMA MECHATRONICS-UF175AMA Datasheet
380Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF250APA12-H1C2F ETC2-UF250APA12-H1C2F Datasheet
479Kb / 1P
   AC IMPELLERS
UF180BAB12-HC2-A ETC2-UF180BAB12-HC2-A Datasheet
349Kb / 1P
   AC IMPELLERS
UF225(69)APA12-H1C2A ETC2-UF225(69)APA12-H1C2A Datasheet
382Kb / 1P
   AC IMPELLERS
logo
Mechatronics, Inc.
UF220APA-F MECHATRONICS-UF220APA-F Datasheet
467Kb / 1P
   AC IMPELLERS
UF400AAA MECHATRONICS-UF400AAA Datasheet
523Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF190APA12-H1C2A ETC2-UF190APA12-H1C2A Datasheet
394Kb / 1P
   AC IMPELLERS
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com