Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK964R2-80E Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BUK964R2-80E
Descripción Electrónicos  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK964R2-80E Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK964R2-80E_15 Datasheet HTML 2Page - NXP Semiconductors BUK964R2-80E_15 Datasheet HTML 3Page - NXP Semiconductors BUK964R2-80E_15 Datasheet HTML 4Page - NXP Semiconductors BUK964R2-80E_15 Datasheet HTML 5Page - NXP Semiconductors BUK964R2-80E_15 Datasheet HTML 6Page - NXP Semiconductors BUK964R2-80E_15 Datasheet HTML 7Page - NXP Semiconductors BUK964R2-80E_15 Datasheet HTML 8Page - NXP Semiconductors BUK964R2-80E_15 Datasheet HTML 9Page - NXP Semiconductors BUK964R2-80E_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
BUK964R2-80E
N-channel TrenchMOS logic level FET
BUK964R2-80E
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
13 March 2014
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
QGD
gate-drain charge
-
37.5
-
nC
Ciss
input capacitance
-
12850 17130 pF
Coss
output capacitance
-
850
1020
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 15
-
420
580
pF
td(on)
turn-on delay time
-
70
-
ns
tr
rise time
-
109
-
ns
td(off)
turn-off delay time
-
203
-
ns
tf
fall time
VDS = 60 V; RL = 2.4 Ω; VGS = 5 V;
RG(ext) = 5 Ω
-
115
-
ns
LD
internal drain
inductance
from upper edge of drain mounting
base to center of die
-
2.5
-
nH
LS
internal source
inductance
from source lead to source bonding pad
-
7.5
-
nH
Source-drain diode
VSD
source-drain voltage
IS = 25 A; VGS = 0 V; Tj = 25 °C; Fig. 16
-
0.77
1.2
V
trr
reverse recovery time
-
61
-
ns
Qr
recovered charge
IS = 20 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 25 V
-
139
-
nC
003aag358
0
50
100
150
200
0
0.5
1
1.5
2
VDS (V)
ID
(A)
2.5
2.4
VGS (V) =
2.6
2.7
2.8
2.9
3.0
4.0
10
Tj = 25 °C; tp = 300 μs
Fig. 6. Output characteristics: drain current as a
function of drain-source voltage; typical values
003aag363
0
2
4
6
8
10
0
2
4
6
8
10
VGS (V)
RDSon
(mΩ)
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values


Número de pieza similar - BUK964R2-80E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
logo
Nexperia B.V. All right...
BUK964R2-80E NEXPERIA-BUK964R2-80E Datasheet
734Kb / 13P
   N-channel TrenchMOS logic level FET
28 July 2016
More results

Descripción similar - BUK964R2-80E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com