Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5286 Datasheet(PDF) 7 Page - Analog Microelectronics

No. de pieza AME5286
Descripción Electrónicos  Rectified Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5286 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME5286 Datasheet HTML 3Page - Analog Microelectronics AME5286 Datasheet HTML 4Page - Analog Microelectronics AME5286 Datasheet HTML 5Page - Analog Microelectronics AME5286 Datasheet HTML 6Page - Analog Microelectronics AME5286 Datasheet HTML 7Page - Analog Microelectronics AME5286 Datasheet HTML 8Page - Analog Microelectronics AME5286 Datasheet HTML 9Page - Analog Microelectronics AME5286 Datasheet HTML 10Page - Analog Microelectronics AME5286 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AME
7
AME5286
Rev. A.02
3A, 300KHz ~ 2MHz Synchronous
Rectified Step-Down Converter
Normal Operation
The AME5286 uses a user adjustable frequency, cur-
rent mode step-down architecture with internal MOSFET
switch. During normal operation, the internal high-side
(PMOS) switch is turned on each cycle when the oscilla
for sets the SR latch, and turned off when the comparator
resets the SR latch. The peak inductor current at which
comparator resets the SR latch is controlled by the out-
put of error amplifier EA. While the high-side switch is
off, the low-side switch turns on until either the inductor
current starts to reverse or the beginning of the next
switching cycle.
Dropout Operation
The output voltage is dropped from the input supply for
the voltage which across the high-side switch. As the
input supply voltage decreases to a value approaching
the output voltage, the duty cycle increases toward the
maximum on-time. Further reduction of the supply volt-
age forces the high-side switch to remain on for more
than one cycle until it reaches 100% duty cycle.
Power Good Output
The AME5286 power good output is an open-drain out-
put and requires a pull up resistor. When the output volt-
age is 12.5% above or 12.5% below its set voltage,
PGOOD will be pulled low. It is held low until the output
voltage returns to within the allowed tolerances once more.
During soft-start, PGOOD is actively held low and is only
allowed to transition high when soft-start is over and the
output voltage reaches 87.5% of its set voltage.
Soft-Start
The AME5286 contains an external soft-start clamp that
gradually raises the output voltage. The soft-start timing
is programmed by the external capacitor between SS pin
and GND. The chip provides an internal charge current
for the external capacitor. If 10nF capacitor is used to set
the soft-start, the period will be 800uS(typ.).
n Detailed Description
Hiccup Mode
During hiccup mode, the AME5286 disables the high-
side MOSFET and begins a cool down period of 8000uS
. At the conclusion of this cool down period, the regula-
tor performs an external 800uS identical to the soft start
at turn-on. ( If 10nF capacitor is used to set the soft-start)
Under Voltage Protection
Under Voltage Protection will activate once the feed-
back voltage falls below 0.4V, the operating frequency is
switched to 1/10 of normal switching frequency and after
four-times hiccup mode counted, the internal high-side
power switch will be turned off, and latched, Unless Re-
start the power supply.
Over Current Protection
The AME5286 cycle-by-cycle limits the peak inductor
current to protect embedded switch from damage. Hence
the maximum output current (the average of inductor cur-
rent) is also limited. In case the load increases, the in-
ductor current is also increase. Whenever the current
limit level is reached, the output voltage can not be regu-
lated and starting to drop.
Over Temperature Protectiion
The in most applications the AME5286 does not dissi-
pate much heat due to high efficiency. But, in applica-
tions where the AME5286 is running at high ambient tem-
perature with low supply voltage and high duty cycles,
such as in dropout, the heat dissipated may exceed the
maximum junction temperature of the part. If the junc-
tion temperature reaches approximately 160oC, the inter-
nal high-side power switch will be turned off and the SW
switch will become high impedance.


Número de pieza similar - AME5286

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5282 AME-AME5282 Datasheet
496Kb / 21P
   Rectified Step-Down Converter
AME5283 AME-AME5283 Datasheet
491Kb / 20P
   Rectified Step-Down Converter
AME5284 AME-AME5284 Datasheet
430Kb / 16P
   Rectified Step-Down Converter
AME5285 AME-AME5285 Datasheet
175Kb / 16P
   Rectified Step-Down Converter
AME5287 AME-AME5287 Datasheet
497Kb / 20P
   Rectified Step-Down Converter
More results

Descripción similar - AME5286

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5285 AME-AME5285 Datasheet
175Kb / 16P
   Rectified Step-Down Converter
AME5283 AME-AME5283 Datasheet
491Kb / 20P
   Rectified Step-Down Converter
AME5287 AME-AME5287 Datasheet
497Kb / 20P
   Rectified Step-Down Converter
AME5282 AME-AME5282 Datasheet
496Kb / 21P
   Rectified Step-Down Converter
AME5284 AME-AME5284 Datasheet
430Kb / 16P
   Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
   Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482_17 Datasheet
233Kb / 5P
   SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484 UTC-P1484_17 Datasheet
254Kb / 5P
   SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
   1.2A Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
   22V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com